Electronic Components Datasheet Search
  English  ▼

X  

ADS8201IBRGET Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS8201IBRGET
Description  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IBRGET Datasheet(HTML) 4 Page - Texas Instruments

  ADS8201IBRGET Datasheet HTML 1Page - Texas Instruments ADS8201IBRGET Datasheet HTML 2Page - Texas Instruments ADS8201IBRGET Datasheet HTML 3Page - Texas Instruments ADS8201IBRGET Datasheet HTML 4Page - Texas Instruments ADS8201IBRGET Datasheet HTML 5Page - Texas Instruments ADS8201IBRGET Datasheet HTML 6Page - Texas Instruments ADS8201IBRGET Datasheet HTML 7Page - Texas Instruments ADS8201IBRGET Datasheet HTML 8Page - Texas Instruments ADS8201IBRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
IN4
IN5
IN6
IN7
RST
BUSY/INT
ADCIN
AGND
REFGND
REF
VA
VD
1
2
3
4
5
6
18
17
16
15
14
13
ADS8201
ThermalPad
(BottomSide)
(1)
ADS8201
SLAS534B – JULY 2009 – REVISED MAY 2010
www.ti.com
PIN CONFIGURATION
RGE PACKAGE
QFN-24
(TOP VIEW)
(1)
Thermal pad should be tied to AGND.
PIN DESCRIPTIONS
PIN
NAME
NO.
I/O
DESCRIPTION
IN4
1
I
Input channel single-ended 4 or differential pair 3
IN5
2
I
Input channel single-ended 5 or differential pair 3
IN6
3
I
Input channel single-ended 6 or differential pair 4
IN7
4
I
Input channel single-ended 7 or differential pair 4
RST
5
I
External hardware reset
Status output. If programmed as the BUSY pin, this pin is low (default) when a conversion is in progress. If
BUSY/INT
6
O
programmed as an interrupt (INT), this pin is low for a preprogrammed duration after the end of a conversion and valid
data are to be output. The polarity of either BUSY or INT is programmable.
SCLK
7
I
Serial interface clock
CS
8
I
Chip select input for SPI interface slave select (SS)
SDI
9
I
Serial data in
SDO
10
O
Serial data out
DGND
11
I/O
Interface ground
CONVST
12
I
Starts conversion
VD
13
I
Interface supply
VA
14
I
Analog supply (+2.2VDC to +5.5VDC)
REF
15
I
External reference input
REFGND
16
I/O
Reference ground
AGND
17
I/O
Analog ground
ADCIN
18
I
ADC input
PGAOUT
19
O
Mux output. Output can be further filtered before sending to ADCIN.
PGAREF
20
I
PGA Reference
IN0
21
I
Analog channel single-ended 0 or differential pair 0
IN1
22
I
Analog channel single-ended 1 or differential pair 0
IN2
23
I
Analog channel single-ended 2 or differential pair 1
IN3
24
I
Analog channel single-ended 3 or differential pair 1
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com