Electronic Components Datasheet Search
  English  ▼

X  

ADS8201IBRGET Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS8201IBRGET
Description  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IBRGET Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS8201IBRGET Datasheet HTML 18Page - Texas Instruments ADS8201IBRGET Datasheet HTML 19Page - Texas Instruments ADS8201IBRGET Datasheet HTML 20Page - Texas Instruments ADS8201IBRGET Datasheet HTML 21Page - Texas Instruments ADS8201IBRGET Datasheet HTML 22Page - Texas Instruments ADS8201IBRGET Datasheet HTML 23Page - Texas Instruments ADS8201IBRGET Datasheet HTML 24Page - Texas Instruments ADS8201IBRGET Datasheet HTML 25Page - Texas Instruments ADS8201IBRGET Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
ADS8201
SLAS534B – JULY 2009 – REVISED MAY 2010
www.ti.com
Channel 4/5 CCR (Address 02h)
D[7:6]
Not used
[0:0]
D[5:4]
Channel 5 Gain Single-Ended
00: G = 1 (default)
01: G = 2
10: G = 4
11: G = 8
D[3]
Channel 4 Differential Odd/Even Polarity
0: Even polarity (default)
1: Odd polarity
D[2]
Channels 4/5 Single-Ended/Differential
0 : Ch4/5 Single-ended (default)
1: Ch4/5 Differential
D[1:0]
Channel 4 Gain
00: G = 1 (default)
01: G = 2
10: G = 4
11: G = 8
Channel 6/7 CCR (Address 03h)
D[7:6]
Not used
[0:0]
D[5:4]
Channel 7 Gain Single-Ended
00: G = 1 (default)
01: G = 2
10: G = 4
11: G = 8
D[3]
Channel 6 Differential Odd/Even Polarity
0: Even polarity (default)
1: Odd polarity
D[2]
Channels 6/7 Single-Ended/Differential
0 : Ch6/7 Single-ended (default)
1: Ch6/7 Differential
D[1:0]
Channel 6 Gain
00: G = 1 (default)
01: G = 2
10: G = 4
11: G = 8
22
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com