Electronic Components Datasheet Search
  English  ▼

X  

ADS8201IBRGET Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS8201IBRGET
Description  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IBRGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8201IBRGET Datasheet HTML 3Page - Texas Instruments ADS8201IBRGET Datasheet HTML 4Page - Texas Instruments ADS8201IBRGET Datasheet HTML 5Page - Texas Instruments ADS8201IBRGET Datasheet HTML 6Page - Texas Instruments ADS8201IBRGET Datasheet HTML 7Page - Texas Instruments ADS8201IBRGET Datasheet HTML 8Page - Texas Instruments ADS8201IBRGET Datasheet HTML 9Page - Texas Instruments ADS8201IBRGET Datasheet HTML 10Page - Texas Instruments ADS8201IBRGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
2
1
0
-1
-2
512
0
4096
3584
3072
2560
2048
1536
1024
OutputCode
V
=5V
DD
V
=4.9V
REF
T =+25°C
A
f
=100kSPS
SAMPLE
f
=4MHz
SCLK
2
1
0
-1
-2
512
0
4096
3584
3072
2560
2048
1536
1024
OutputCode
V
=5V
DD
V
=4.9V
REF
T =+25 C
°
A
f
=100kSPS
SAMPLE
f
=4MHz
SCLK
2
1
0
-1
-2
512
0
4096
3584
3072
2560
2048
1536
1024
OutputCode
V
=2.2V
DD
V
REF =2.048V
T
A =+25°C
f
=100kSPS
SAMPLE
f
=4MHz
SCLK
2
1
0
-1
-2
512
0
4096
3584
3072
2560
2048
1536
1024
OutputCode
V
=2.2V
DD
V
REF =2.048V
T
A =+25°C
f
=100kSPS
SAMPLE
f
=4MHz
SCLK
1200
1000
800
600
400
-50
-25
0
25
50
75
100
125
Temperature( C)
°
V
=2.2V,
DD
V
=2.048V
REF
V
=5V,
DD
V
=4.9V
REF
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-50
-25
0
25
50
75
100
125
Temperature(°C)
V
=5V,
DD
V
=4.9V
REF
V
=2.2V,
DD
V
=2.048V
REF
ADS8201
www.ti.com
SLAS534B – JULY 2009 – REVISED MAY 2010
TYPICAL CHARACTERISTICS
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs CODE
vs CODE
Figure 4.
Figure 5.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs CODE
vs CODE
Figure 6.
Figure 7.
POWER-SUPPLY CURRENT
POWER-DOWN CURRENT
vs TEMPERATURE
vs TEMPERATURE
Figure 8.
Figure 9.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS8201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com