Electronic Components Datasheet Search
  English  ▼

X  

ADS8201IBRGET Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS8201IBRGET
Description  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IBRGET Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8201IBRGET Datasheet HTML 4Page - Texas Instruments ADS8201IBRGET Datasheet HTML 5Page - Texas Instruments ADS8201IBRGET Datasheet HTML 6Page - Texas Instruments ADS8201IBRGET Datasheet HTML 7Page - Texas Instruments ADS8201IBRGET Datasheet HTML 8Page - Texas Instruments ADS8201IBRGET Datasheet HTML 9Page - Texas Instruments ADS8201IBRGET Datasheet HTML 10Page - Texas Instruments ADS8201IBRGET Datasheet HTML 11Page - Texas Instruments ADS8201IBRGET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
6
5
4
3
2
1
0
-50
-25
0
25
50
75
100
125
Temperature( C)
°
V
=2.2V,
DD
V
=2.048V
REF
V
=5V,
DD
V
=4.9V
REF
-50
-25
0
25
50
75
100
125
Temperature(°C)
0.10
0.08
0.06
0.04
0.02
0
f
=1kHz
IN
f
=91kHz
SAMPLE
V
=2.2V,
DD
V
=2.048V
REF
V
=5V,
DD
V
=4.9V
REF
70
68
66
64
62
60
-50
-25
0
25
50
75
100
125
Temperature( C)
°
f
=1kHz
IN
f
=91kHz
SAMPLE
V
=2.2V,
DD
V
=2.048V
REF
V
=5V,
DD
V
=4.9V
REF
70
68
66
64
62
60
-50
-25
0
25
50
75
100
125
Temperature( C)
°
f
=1kHz
IN
f
=91kHz
SAMPLE
V
=2.2V,
DD
V
=2.048V
REF
V
=5V,
DD
V
=4.9V
REF
85
82
79
76
73
70
-50
-25
0
25
50
75
100
125
Temperature( C)
°
f
=1kHz
IN
f
=91kHz
SAMPLE
V
=2.2V,
DD
V
=2.048V
REF
V
=5V,
DD
V
=4.9V
REF
-75
-80
-85
-90
-50
-25
0
25
50
75
100
125
Temperature( C)
°
f
=1kHz
IN
f
=91kHz
SAMPLE
V
=2.2V,
DD
V
=2.048V
REF
V
=5V,
DD
V
=4.9V
REF
ADS8201
SLAS534B – JULY 2009 – REVISED MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SINGLE-ENDED OFFSET VOLTAGE
SINGLE-ENDED GAIN ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 10.
Figure 11.
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE + DISTORTION
vs TEMPERATURE
vs TEMPERATURE
Figure 12.
Figure 13.
SPURIOUS-FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
vs TEMPERATURE
vs TEMPERATURE
Figure 14.
Figure 15.
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com