Electronic Components Datasheet Search
  English  ▼

X  

ADS8201IBRGET Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS8201IBRGET
Description  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IBRGET Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8201IBRGET Datasheet HTML 2Page - Texas Instruments ADS8201IBRGET Datasheet HTML 3Page - Texas Instruments ADS8201IBRGET Datasheet HTML 4Page - Texas Instruments ADS8201IBRGET Datasheet HTML 5Page - Texas Instruments ADS8201IBRGET Datasheet HTML 6Page - Texas Instruments ADS8201IBRGET Datasheet HTML 7Page - Texas Instruments ADS8201IBRGET Datasheet HTML 8Page - Texas Instruments ADS8201IBRGET Datasheet HTML 9Page - Texas Instruments ADS8201IBRGET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AGND
REF-
+IN[0:7]
PGAREF
PGAOUT
ADCIN
REF+
SDO
CS
SDI
SCLK
CONVST
BUSY/INT
RST
Mux
PGA
G=1/2/4/8
S/H
CDAC
Comparator
SAR
OutputLatches
and
3-State
Drivers
OSC
Conversion
and
ControlLogic
ADS8201
SLAS534B – JULY 2009 – REVISED MAY 2010
www.ti.com
TIMING CHARACTERISTICS (continued)
Table 1. Timing Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tWL
CONVST (Convert Start) pulse width
40
ns
tOSC
Oscillation time
250
ns
tH
Hold time
2
ns
tSU
Setup time
10
ns
tD
Delay time
20
ns
tSH
Clock high time
10
ns
tSL
Clock low time
10
ns
tSP
Clock period
40
ns
tCD
Conversion delay time
18
tOSC
tACQ
Acquisition time
8.5
tOSC
tCONV
Conversion time
13.5
tOSC
tTP
Throughput time
40
tOSC
FUNCTIONAL BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com