Electronic Components Datasheet Search
  English  ▼

X  

ADS8201IBRGET Datasheet(PDF) 25 Page - Texas Instruments

Part # ADS8201IBRGET
Description  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IBRGET Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS8201IBRGET Datasheet HTML 21Page - Texas Instruments ADS8201IBRGET Datasheet HTML 22Page - Texas Instruments ADS8201IBRGET Datasheet HTML 23Page - Texas Instruments ADS8201IBRGET Datasheet HTML 24Page - Texas Instruments ADS8201IBRGET Datasheet HTML 25Page - Texas Instruments ADS8201IBRGET Datasheet HTML 26Page - Texas Instruments ADS8201IBRGET Datasheet HTML 27Page - Texas Instruments ADS8201IBRGET Datasheet HTML 28Page - Texas Instruments ADS8201IBRGET Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
ADS8201
www.ti.com
SLAS534B – JULY 2009 – REVISED MAY 2010
Conversion Delay SCR (Address 0Ah)
D[7:3]
Not Used
D[2:0]
Select PGA Delay After Conversion
ACQUISITION TIME
ADC CONVERSION
CONVERSION DELAY
ADC THROUGHPUT
D[2:0]
(ms)
TIME (ms)
(ms)
(ms)
000
2.125
3.375
0.5
6
001
2.125
3.375
2.5
8
010
2.125
3.375
4.5
10
011
2.125
3.375
6.5
12
100
2.125
3.375
8.5
14
101
2.125
3.375
10.5
16
110
2.125
3.375
12.5
18
111
2.125
3.375
14.5
20
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): ADS8201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com