Electronic Components Datasheet Search
  English  ▼

X  

ADS8201IBRGET Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS8201IBRGET
Description  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IBRGET Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS8201IBRGET Datasheet HTML 16Page - Texas Instruments ADS8201IBRGET Datasheet HTML 17Page - Texas Instruments ADS8201IBRGET Datasheet HTML 18Page - Texas Instruments ADS8201IBRGET Datasheet HTML 19Page - Texas Instruments ADS8201IBRGET Datasheet HTML 20Page - Texas Instruments ADS8201IBRGET Datasheet HTML 21Page - Texas Instruments ADS8201IBRGET Datasheet HTML 22Page - Texas Instruments ADS8201IBRGET Datasheet HTML 23Page - Texas Instruments ADS8201IBRGET Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
DATA
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
=0
D0
=0
SDIN
SDOUT
ADDRESS
TAG
Optional
AveragingBits
Channel
Address
SE/
Diff
ADS8201
SLAS534B – JULY 2009 – REVISED MAY 2010
www.ti.com
Figure 30. ADC Read
Table 7. Register Addresses
REGISTER
A3
A2
A1
A0
Channel 0/1 CCR
0
0
0
0
Channel 2/3 CCR
0
0
0
1
Channel 4/5 CCR
0
0
1
0
Channel 6/7 CCR
0
0
1
1
Channel Select CCR
0
1
0
0
ADC SCR
0
1
0
1
Interrupt SCR
0
1
1
0
Status SCR
0
1
1
1
ADC Trigger SCR
1
0
0
0
RESET SCR
1
0
0
1
Conversion Delay SCR
1
0
1
0
20
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com