Electronic Components Datasheet Search
  English  ▼

X  

ADS8201IBRGET Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS8201IBRGET
Description  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IBRGET Datasheet(HTML) 2 Page - Texas Instruments

  ADS8201IBRGET Datasheet HTML 1Page - Texas Instruments ADS8201IBRGET Datasheet HTML 2Page - Texas Instruments ADS8201IBRGET Datasheet HTML 3Page - Texas Instruments ADS8201IBRGET Datasheet HTML 4Page - Texas Instruments ADS8201IBRGET Datasheet HTML 5Page - Texas Instruments ADS8201IBRGET Datasheet HTML 6Page - Texas Instruments ADS8201IBRGET Datasheet HTML 7Page - Texas Instruments ADS8201IBRGET Datasheet HTML 8Page - Texas Instruments ADS8201IBRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
ADS8201
SLAS534B – JULY 2009 – REVISED MAY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
MAXIMUM
INTEGRAL
MAXIMUM
MAXIMUM
LINEARITY
DIFFERENTIAL
OFFSET
SPECIFIED
TRANSPORT
ERROR
LINEARITY
ERROR
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
MEDIA,
PRODUCT
(LSB)
(LSB)
(LSB)
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
ADS8201IRGET
Tape and Reel, 250
ADS8201I
±1.5
±1
±6
QFN-24
RGE
–40°C to +85°C
ADS8201
Tape and Reel,
ADS8201IRGER
3000
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or visit
the device product folder on www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
ADS8201I
UNIT
+INI to AGND
–0.3 to +VA +0.3
V
Voltage
–INI to AGND
–0.3 to +VA +0.3
V
+VA to AGND
–0.3 to 7
V
Voltage range
+VD to DGND
–0.3 to 7
V
AGND to DGND
–0.3 to +0.3
V
Digital input voltage to DGND
–0.3 to VD +0.3
V
Digital output voltage to DGND
–0.3 to VD +0.3
Operating free-air temperature range, TA
–40 to +85
°C
Storage temperature range, TSTG
–65 to +150
°C
Junction temperature, TJ max
+150
°C
Package dissipation ratings: 4 × 4 QFN-16
(TJmax – TA)/qJA
Thermal impedance, qJA
46
°C/W
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, 2.2V < VA = VREF < 5.5V, 2.2V < VD < 5.5V, fSAMPLE = 100kHz, and gain = 1, unless otherwise noted.
ADS8201I
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT (IN0 to IN7)
FSR
Full-scale input range
(INI – INI–1), gain = 1
0
VREF
V
VIN
Absolute input voltage range
+INI pin
AGND + 0.1
+VA – 0.1
V
CIN
Input capacitance
With input selected
4
pF
IIL
Input leakage current
No mux switching, dc input
1
nA
IN = VREF/2, INI+1,
Input channel crosstalk
105
dB
INI-1= 0 – VREF span at 1kHz
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com