Electronic Components Datasheet Search
  English  ▼

X  

ADS8201IBRGET Datasheet(PDF) 26 Page - Texas Instruments

Part # ADS8201IBRGET
Description  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IBRGET Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS8201IBRGET Datasheet HTML 22Page - Texas Instruments ADS8201IBRGET Datasheet HTML 23Page - Texas Instruments ADS8201IBRGET Datasheet HTML 24Page - Texas Instruments ADS8201IBRGET Datasheet HTML 25Page - Texas Instruments ADS8201IBRGET Datasheet HTML 26Page - Texas Instruments ADS8201IBRGET Datasheet HTML 27Page - Texas Instruments ADS8201IBRGET Datasheet HTML 28Page - Texas Instruments ADS8201IBRGET Datasheet HTML 29Page - Texas Instruments ADS8201IBRGET Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
IN3
SCLK
IN2
CS
IN1
SDI
IN0
SDO
PGAREF
DGND
PGAOUT
CONVST
ADS8201
G=1
G=2
G=4
G=8
X
Y
Z
(1)
Single-Ended
Accelerometer
Microprocessor
Gyro
Sensor
V
1.35V
REF
V
1.35V 0.2V
OUT
±
1.05kW
3kW
1V
Differential
Pair
1 F
m
240pF
2.2V
to5V
1 F
m
2.048Vto5V
10 F
m
1kW
ADS8201
SLAS534B – JULY 2009 – REVISED MAY 2010
www.ti.com
APPLICATION INFORMATION
Figure 31 illustrates an example precision positioning application.
(1)
X = 100mV < VIN < VA –100mV; Y = 100mV < VIN < VA/2; Z = 100mV < VIN < VA/4
Figure 31. Precision Positioning Application
26
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com