Electronic Components Datasheet Search
  English  ▼

X  

ADS8201IBRGET Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS8201IBRGET
Description  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IBRGET Datasheet(HTML) 5 Page - Texas Instruments

  ADS8201IBRGET Datasheet HTML 1Page - Texas Instruments ADS8201IBRGET Datasheet HTML 2Page - Texas Instruments ADS8201IBRGET Datasheet HTML 3Page - Texas Instruments ADS8201IBRGET Datasheet HTML 4Page - Texas Instruments ADS8201IBRGET Datasheet HTML 5Page - Texas Instruments ADS8201IBRGET Datasheet HTML 6Page - Texas Instruments ADS8201IBRGET Datasheet HTML 7Page - Texas Instruments ADS8201IBRGET Datasheet HTML 8Page - Texas Instruments ADS8201IBRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ADCDataReadyN
ADCConversionN
2t
(SamplingN)
OSC
t
(CONVST)
WL
PGA
Settling
ConversionN
ConversionDelay
PGA
Settling
SamplingN+1
N
N+1
CONVST
BUSY
INT
ADCState
t (CONVST - sync)
D
t
CD
t
(MinimumN+1)
TP
t
CONV
t (
)=40t
-
CONVST
CONVST
,Minimum
D
OSC
t
ACQ
ADDataN+1Ready
ADDataNReady
1t
OSC
PGA
Settling
ConversionN
ConversionDelay
Idle
PGA
Settling
ConversionN+1
ConversionDelay
N
N+1
RecommendedAD
ReadWindow
ADReadMayCause
ConversionNoise
RecommendedAD
ReadWindow
UpdatingFIFO/ODRN
CONVST
INT
ADCState
SPIPort
22t
OSC
18t
+Idle
OSC
t (CS
SDO
-
)
D
t (SCLK - SDOVALID)
D
t
(Last SCLK
CS
-
)
SU
t (SDI -
)
SCLK
H
t
(SDI - SCLK)
SU
1
2
3
4
5
6
7
8
9
10
11
12
13
16
15
14
D15
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
CS
SDI
SCLK
SDO
t (SCLK - SDOINVALID)
D
t (CS - SDOVALID)
D
t
(CS
SCLK1
-
)
SU
t
SH
t
SL
t
SP
ADS8201
www.ti.com
SLAS534B – JULY 2009 – REVISED MAY 2010
TIMING CHARACTERISTICS
All specifications typical at –40°C to +85°C, 2.2V < VA = VREF < 5.5V, and 2.2V < VD < 5.5V, unless otherwise
noted.
Figure 1. Convert Timing
Figure 2. Read Timing
Figure 3. SPI Convert Timing
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS8201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com