Electronic Components Datasheet Search
  English  ▼

X  

ADS8201IBRGET Datasheet(PDF) 18 Page - Texas Instruments

Part # ADS8201IBRGET
Description  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IBRGET Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS8201IBRGET Datasheet HTML 14Page - Texas Instruments ADS8201IBRGET Datasheet HTML 15Page - Texas Instruments ADS8201IBRGET Datasheet HTML 16Page - Texas Instruments ADS8201IBRGET Datasheet HTML 17Page - Texas Instruments ADS8201IBRGET Datasheet HTML 18Page - Texas Instruments ADS8201IBRGET Datasheet HTML 19Page - Texas Instruments ADS8201IBRGET Datasheet HTML 20Page - Texas Instruments ADS8201IBRGET Datasheet HTML 21Page - Texas Instruments ADS8201IBRGET Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
ADS8201
SLAS534B – JULY 2009 – REVISED MAY 2010
www.ti.com
RESET OPERATION
The ADS8201 can be reset in two ways: hardware reset and software reset. A hardware reset can be asserted
via the RST pin. A software reset can be asserted through the serial interface by writing AAh to the Reset SCR
(address 09h). While hardware reset can be asserted at any time, software reset cannot be initiated if the device
is in power-down mode. As long as the device is in any other of the ADC operating modes, a software reset can
be issued. Once the reset is issued, the device comes back up in Mode 2 configuration. Once the reset is issued,
all digital logic and configuration registers are set to the respective default states (see the Channel Configuration
Map and System Configuration Map sections for default values). Any conversion in process is aborted as soon
as a reset is issued. Data stored in the FIFO buffer are also reset. The channels and system registers must be
reconfigured.
18
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com