Electronic Components Datasheet Search
  English  ▼

X  

ADS8201IBRGET Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS8201IBRGET
Description  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IBRGET Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8201IBRGET Datasheet HTML 9Page - Texas Instruments ADS8201IBRGET Datasheet HTML 10Page - Texas Instruments ADS8201IBRGET Datasheet HTML 11Page - Texas Instruments ADS8201IBRGET Datasheet HTML 12Page - Texas Instruments ADS8201IBRGET Datasheet HTML 13Page - Texas Instruments ADS8201IBRGET Datasheet HTML 14Page - Texas Instruments ADS8201IBRGET Datasheet HTML 15Page - Texas Instruments ADS8201IBRGET Datasheet HTML 16Page - Texas Instruments ADS8201IBRGET Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
ADS8201
www.ti.com
SLAS534B – JULY 2009 – REVISED MAY 2010
AUTO TRIGGER (See ADC Trigger SCR, Address 08h, Bits[2:0])
Auto-trigger mode can be selected by writing to the ADC Trigger SCR (see the SCR Register Map). In
Auto-Trigger (Modes 4, 5, and 6), Auto-Channel (Modes 5 and 6) or Manual-Channel (Mode 4) selection must be
enabled after all the channels have been configured according to the specific application.
In Auto-Trigger with Auto-Channel Update and Single-Scan mode (Mode 5), the internal device logic triggers
conversions and all selected channels are converted sequentially. After the completion of the selected channel
conversions, an SPI command must be issued to initiate the next scan event. In this mode, the FIFO buffer can
be enabled or disabled. If the FIFO buffer is enabled and the next scan event is initiated, the contents of the
FIFO buffer are overwritten. Ensure that all results from the FIFO buffer have been read before issuing the
command to start the next scan event. This mode is useful for applications where an external source triggers the
scan event; however, the trigger is not periodic.
In Auto-Trigger with Auto-Channel Update and Multi-Scan mode (Mode 6), the internal device logic triggers
conversions and all selected channels are converted sequentially. In this mode, if the FIFO buffer is disabled,
and the ADS8201 continues to trigger conversions for the selected channels in a cyclical mode until an SPI
command is sent to stop the conversion. For example, if channel 4 is selected as the starting channel number,
the ADS8201 converts channels 4, 5, 6, 7, 4, 5, 6, 7, etc., until this mode is disabled. If the FIFO buffer is
enabled and Interrupt SCR, bit D[1] is set, the ADS8201 issues a scan data ready interrupt. It is important to note
that in Mode 6, the FIFO buffer contents must be read when the buffer is full (eight conversions = complete);
otherwise, subsequent conversions will overwrite the data in the FIFO buffer. This mode is useful when
continuous conversion of the input signals across single or multiple channels is required. Figure 26 illustrates the
timing for a shared single-scan and multiple-scan mode event.
In Auto-trigger with Manual Channel Update mode (Mode 4), the user must select the next channel. In this mode,
the delay mux feature is always enabled. Table 4 and Table 5 summarize the selection options for auto channel
update and manual channel update, respectively. This mode is useful when the user wants to have flexibility in
the channel selection and does not want to use consecutive channels. The delay-mux feature provides full
100kSPS speed in spite of using manual channel update mode.
There are two ways to set up the delay mux in this mode. If using the following sequence, then data from first
channel are not repeated:
1. The first channel of interest is set.
2. Mode 4 is selected.
3. The second channel of interest is set within 10µs after setting Mode 4.
4. The CONVST pin is asserted.
However, if the second channel of interest is not set within 10µs after triggering the delay mux mode, then the
first conversion result should be treated as a dummy conversion because the conversion result from the first
channel is repeated twice.
Table 4. Auto Channel Update(1)
SELECTION OPTION
BIT SETTINGS
ADC SCR, bit D[1] = '1'; FIFO buffer enabled (as shown in Figure 23)
Single-Scan Mode (Mode 5)(1)
ADC SCR, bit D[1] = '0'; FIFO buffer disabled (as shown in Figure 23)
ADC SCR, bit D[1] = '1'; FIFO buffer enabled (as shown in Figure 24)
Multi-Scan Mode (Mode 6)(1)
ADC SCR, bit D[1] = '0'; FIFO buffer disabled (as shown in Figure 24)
(1)
See ADC Trigger SCR:D[2:0].
Table 5. Manual Channel Update(1)
SELECTION OPTION
BIT SETTINGS
Delay mux select (Mode 4)
ADC SCR, bit D[1] = '1'; FIFO buffer enabled (as shown in Figure 25)
(This is the only option with auto channel
ADC SCR, bit D[1] = '0' ; FIFO buffer disabled (as shown in Figure 25)
select mode and manual trigger)
(1)
See ADC Trigger SCR, bits D[2:0].
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS8201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com