Electronic Components Datasheet Search
  English  ▼

X  

ADS1246 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1246
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1246 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1246 Datasheet HTML 1Page - Texas Instruments ADS1246 Datasheet HTML 2Page - Texas Instruments ADS1246 Datasheet HTML 3Page - Texas Instruments ADS1246 Datasheet HTML 4Page - Texas Instruments ADS1246 Datasheet HTML 5Page - Texas Instruments ADS1246 Datasheet HTML 6Page - Texas Instruments ADS1246 Datasheet HTML 7Page - Texas Instruments ADS1246 Datasheet HTML 8Page - Texas Instruments ADS1246 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
(V )(Gain)
IN
2
AVSS
0.1V
+
+
AVDD
0.1V
-
-
(V )(Gain)
IN
2
ADS1246
ADS1247
ADS1248
SBAS426D – AUGUST 2008 – REVISED MARCH 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
Minimum/maximum specifications apply from –40°C to +105°C. Typical specifications are at +25°C. All specifications at
AVDD = +5V, DVDD = +3.3V, AVSS = 0V, VREF = +2.048V, and oscillator frequency = 4.096MHz, unless otherwise noted.
ADS1246, ADS1247, ADS1248
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale input voltage
±VREF/PGA
2.7/PGA
V
(VIN = ADCINP – ADCINN)
Common-mode input range
V
Differential input current
100
pA
Absolute input current
See Table 11
PGA gain settings
1, 2, 4, 8, 16, 32, 64, 128
Burnout current source
0.5, 2, or 10
mA
Bias voltage
(AVDD + AVSS)/2
V
Bias voltage output impedance
400
Ω
SYSTEM PERFORMANCE
Resolution
No missing codes
24
Bits
Data rate
5, 10, 20, 40, 80, 160, 320, 640, 1000, 2000
SPS
Integral nonlinearity (INL)
Differential input, end point fit, PGA = 1
6
15
ppm
Offset error
After calibration(1)
–15
15
mV
Offset drift
See Figure 11 to Figure 14
nV/°C
T = +25°C, all PGAs,
Gain error
–0.02
±0.005
0.02
%
data rate = 40, 80, or 160SPS
Gain drift
See Figure 19 to Figure 22
ppm/°C
ADC conversion time
Single-cycle settling
Noise
See Table 5 to Table 8
Normal-mode rejection
See Table 13
At dc, PGA = 1
80
90
dB
Common-mode rejection
At dc, PGA = 32
90
125
dB
AVDD/DVDD at dc, PGA = 32,
Power-supply rejection
100
135
dB
data rate = 80SPS
VOLTAGE REFERENCE INPUT
Voltage reference input
0.5
(AVDD – AVSS) – 1
V
(VREF = VREFP – VREFN)
Negative reference input (REFN)
AVSS – 0.1
REFP – 0.5
V
Positive reference input (REFP)
REFN + 0.5
AVDD + 0.1
V
Reference input current
30
nA
ON-CHIP VOLTAGE REFERENCE
Output voltage
2.038
2.048
2.058
V
Output current(2)
±10
mA
Load regulation
50
mV/mA
TA = +25°C to +105°C
2
10
ppm/°C
Drift(3)
TA = –40°C to +105°C
6
15
ppm/°C
Startup time
See Table 14
ms
(1)
Offset calibration on the order of noise.
(2)
Do not exceed this loading on the internal voltage reference.
(3)
Specified by the combination of design and final production test.
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1246 ADS1247 ADS1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com