Electronic Components Datasheet Search
  English  ▼

X  

ADS1246 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1246
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1246 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1246 Datasheet HTML 3Page - Texas Instruments ADS1246 Datasheet HTML 4Page - Texas Instruments ADS1246 Datasheet HTML 5Page - Texas Instruments ADS1246 Datasheet HTML 6Page - Texas Instruments ADS1246 Datasheet HTML 7Page - Texas Instruments ADS1246 Datasheet HTML 8Page - Texas Instruments ADS1246 Datasheet HTML 9Page - Texas Instruments ADS1246 Datasheet HTML 10Page - Texas Instruments ADS1246 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
ADS1246
ADS1247
ADS1248
www.ti.com
SBAS426D – AUGUST 2008 – REVISED MARCH 2010
ADS1248 (TSSOP-28) PIN DESCRIPTIONS
NAME
PIN NO.
FUNCTION
DESCRIPTION
DVDD
1
Digital
Digital power supply
DGND
2
Digital
Digital ground
CLK
3
Digital input
External clock input. Tie this pin to DGND to activate the internal oscillator.
RESET
4
Digital input
Chip reset (active low). Returns all register values to reset values.
Analog input
REFP0/GPIO0
5
Positive external reference input 0, or general-purpose digital input/output pin 0
Digital in/out
Analog input
REFN0/GPIO1
6
Negative external reference 0 input, or general-purpose digital input/output pin 1
Digital in/out
REFP1
7
Analog input
Positive external reference 1 input
REFN1
8
Analog input
Negative external reference 1 input
VREFOUT
9
Analog output
Positive internal reference voltage output
Negative internal reference voltage output. Connect this pin to AVSS when using a unipolar
VREFCOM
10
Analog output
supply, or to the midvoltage of the power supply when using a bipolar supply.
AIN0/IEXC
11
Analog input
Analog input 0, optional excitation current output
AIN1/IEXC
12
Analog input
Analog input 1, optional excitation current output
Analog input
AIN4/IEXC/GPIO4
13
Analog input 4, optional excitation current output, or general-purpose digital input/output pin 4
Digital in/out
Analog input
AIN5/IEXC/GPIO5
14
Analog input 5, optional excitation current output, or general-purpose digital input/output pin 5
Digital in/out
Analog input
AIN6/IEXC/GPIO6
15
Analog input 6, optional excitation current output, or general-purpose digital input/output pin 6
Digital in/out
Analog input
AIN7/IEXC/GPIO7
16
Analog input 7, optional excitation current output, or general-purpose digital input/output pin 7
Digital in/out
Analog input
AIN2/IEXC/GPIO2
17
Analog input 2, optional excitation current output, or general-purpose digital input/output pin 2
Digital in/out
Analog input
AIN3/IEXC/GPIO3
18
Analog input 3, optional excitation current output, or general-purpose digital input/output pin 3
Digital in/out
IOUT2
19
Analog output
Excitation current output 2
IOUT1
20
Analog output
Excitation current output 1
AVSS
21
Analog
Negative analog power supply
AVDD
22
Analog
Positive analog power supply
START
23
Digital input
Conversion start. See text for complete description.
CS
24
Digital input
Chip select (active low)
DRDY
25
Digital output
Data ready (active low)
Serial Data Out Output, or
DOUT/DRDY
26
Digital output
Data Out combined with Data Ready (active low when DRDY function enabled)
DIN
27
Digital input
Serial data input
SCLK
28
Digital input
Serial clock input
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1246 ADS1247 ADS1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com