Electronic Components Datasheet Search
  English  ▼

X  

ADS1246 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1246
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1246 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS1246 Datasheet HTML 13Page - Texas Instruments ADS1246 Datasheet HTML 14Page - Texas Instruments ADS1246 Datasheet HTML 15Page - Texas Instruments ADS1246 Datasheet HTML 16Page - Texas Instruments ADS1246 Datasheet HTML 17Page - Texas Instruments ADS1246 Datasheet HTML 18Page - Texas Instruments ADS1246 Datasheet HTML 19Page - Texas Instruments ADS1246 Datasheet HTML 20Page - Texas Instruments ADS1246 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
4
3
2
1
0
-
1
-
2
-
3
Temperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
PGA=32
PGA=1
PGA=128
AVDD=5V
DataRate=20SPS
8
6
4
2
0
-
2
-
4
-
6
-
8
Temperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
PGA=32
PGA=1
PGA=128
AVDD=5V
DataRate=160SPS
8
6
4
2
0
-
2
-
4
-
6
-
8
-
10
-
12
-
14
Temperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
PGA=32
PGA=1
PGA=128
AVDD=5V
DataRate=640SPS
15
10
5
0
-
5
-
10
-
15
Temperature(°C)
-
40
-
20
0
20
40
60
80
100
120
PGA=32
AVDD=5V
DataRate=2kSPS
PGA=1
PGA=128
4
3
2
1
0
1
2
3
-
-
-
Temperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
AVDD=3.3V
DataRate=20SPS
PGA=1
PGA=32
PGA=128
5
4
3
2
1
0
1
2
3
4
5
6
-
-
-
-
-
-
Temperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
AVDD=3.3V
DataRate=160SPS
PGA=1
PGA=32
PGA=128
ADS1246
ADS1247
ADS1248
www.ti.com
SBAS426D – AUGUST 2008 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = 5V, VREF = 2.5V, and AVSS = 0V, unless otherwise noted.
OFFSET vs TEMPERATURE
OFFSET vs TEMPERATURE
Figure 11.
Figure 12.
OFFSET vs TEMPERATURE
OFFSET vs TEMPERATURE
Figure 13.
Figure 14.
OFFSET vs TEMPERATURE
OFFSET vs TEMPERATURE
Figure 15.
Figure 16.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS1246 ADS1247 ADS1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com