Electronic Components Datasheet Search
  English  ▼

X  

ADS1246 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1246
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1246 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS1246 Datasheet HTML 28Page - Texas Instruments ADS1246 Datasheet HTML 29Page - Texas Instruments ADS1246 Datasheet HTML 30Page - Texas Instruments ADS1246 Datasheet HTML 31Page - Texas Instruments ADS1246 Datasheet HTML 32Page - Texas Instruments ADS1246 Datasheet HTML 33Page - Texas Instruments ADS1246 Datasheet HTML 34Page - Texas Instruments ADS1246 Datasheet HTML 35Page - Texas Instruments ADS1246 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
CalibrationTime=
50
f
OSC
32
f
MOD
16
f
DATA
+
+
ADS1246
ADS1247
ADS1248
SBAS426D – AUGUST 2008 – REVISED MARCH 2010
www.ti.com
calibrations the offset calibration register (OFC) is
ADC SLEEP MODE
updated afterwards. When either offset calibration
Power consumption can be dramatically reduced by
command is issued, the ADS1246/7/8 stop the
placing the ADS1246/7/8 into sleep mode. There are
current conversion and start the calibration procedure
two ways to put the device into sleep mode: the sleep
immediately.
command (SLEEP) and through the START pin.
Calibration Timing
During sleep mode, the internal reference status
depends on the setting of the VREFCON bits in the
When calibration is initiated, the device performs 16
MUX1 register; see the Register Descriptions section
consecutive data conversions and averages the
for details.
results
to
calculate
the
calibration
value.
This
provides a more accurate calibration value. The time
ADC CONTROL
required for calibration is shown in Table 18 and can
be calculated using Equation 8:
ADC Conversion Control
The START pin provides easy and precise control of
(8)
conversions. Pulse the START pin high to begin a
conversion, as shown in Figure 64 and Table 19. The
Table 18. Calibration Time versus Data Rate
conversion
completion
is
indicated
by
the
DATA RATE (SPS)
CALIBRATION TIME (ms)
DOUT/DRDY pin going low. When the conversion
completes, the ADS1246/7/8 automatically shuts
5
3201.01
down
to
save
power.
During
shutdown,
the
10
1601.01
conversion result can be retrieved; however, START
20
801.012
must be taken high before communicating with the
40
400.26
configuration registers. The device stays shut down
80
200.26
until the START pin is once again taken high to begin
a new conversion. When the START pin is taken
160
100.14
back high again, the decimation filter is held in a
320
50.14
reset state for 32 modulator clock cycles internally to
640
25.14
allow the analog circuits to settle.
1000
16.14
The ADS1246/7/8 can be configured to convert
2000
8.07
continuously by holding the START pin high, as
shown in Figure 65. With the START pin held high,
1. For fOSC = 4.096MHz.
the ADC converts the selected input channels
continuously. This configuration continues until the
ADC POWER-UP
START pin is taken low.
When DVDD is pulled up, the internal power-on reset
The START pin can also be used to perform the
module generates a pulse that resets all digital
synchronized measurement for the multi-channel
circuitry. All the digital circuits are held in a reset
applications by pulsing the START pin.
state for 216 system clocks to allow the analog circuits
and the internal digital power supply to settle. SPI
communication cannot occur until the internal reset is
released.
32
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1246 ADS1247 ADS1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com