Electronic Components Datasheet Search
  English  ▼

X  

ADS1246 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1246
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1246 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1246 Datasheet HTML 9Page - Texas Instruments ADS1246 Datasheet HTML 10Page - Texas Instruments ADS1246 Datasheet HTML 11Page - Texas Instruments ADS1246 Datasheet HTML 12Page - Texas Instruments ADS1246 Datasheet HTML 13Page - Texas Instruments ADS1246 Datasheet HTML 14Page - Texas Instruments ADS1246 Datasheet HTML 15Page - Texas Instruments ADS1246 Datasheet HTML 16Page - Texas Instruments ADS1246 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
ADS1246
ADS1247
ADS1248
www.ti.com
SBAS426D – AUGUST 2008 – REVISED MARCH 2010
Table 5. Noise in mVRMS and (mVPP)
at AVDD = 5V, AVSS = 0V, and External Reference = 2.5V
DATA
PGA SETTING
RATE
(SPS)
1
2
4
8
16
32
64
128
5
1.10 (4.99)
0.68 (3.80)
0.37 (1.90)
0.19 (0.98)
0.10 (0.44)
0.07 (0.31)
0.05 (0.27)
0.05 (0.21)
10
1.53 (8.82)
0.82 (3.71)
0.50 (2.69)
0.27 (1.33)
0.15 (0.67)
0.08 (0.50)
0.06 (0.36)
0.07 (0.34)
20
2.32 (13.37)
1.23 (6.69)
0.71 (3.83)
0.34 (1.90)
0.18 (1.01)
0.12 (0.71)
0.10 (0.51)
0.09 (0.54)
40
2.72 (17.35)
1.33 (7.65)
0.68 (3.83)
0.38 (2.21)
0.22 (1.13)
0.14 (0.77)
0.15 (0.78)
0.14 (0.76)
80
3.56 (22.67)
1.87 (12.30)
0.81 (5.27)
0.50 (3.49)
0.30 (1.99)
0.19 (1.24)
0.19 (1.16)
0.18 (1.04)
160
5.26 (42.03)
2.52 (17.57)
1.32 (9.22)
0.67 (5.25)
0.41 (2.89)
0.26 (1.91)
0.27 (1.74)
0.26 (1.74)
320
9.39 (74.91)
4.68 (39.48)
2.69 (18.95)
1.24 (9.94)
0.68 (5.25)
0.45 (3.08)
0.38 (2.71)
0.36 (2.46)
640
13.21 (119.66)
6.93 (59.31)
3.59 (28.55)
1.53 (10.68)
0.95 (8.70)
0.63 (4.94)
0.53 (3.74)
0.50 (3.55)
1000
32.34 (443.91)
16.11 (185.67)
11.54 (92.23)
4.65 (37.55)
2.02 (23.14)
1.15 (12.29)
0.77 (7.42)
0.64 (4.98)
2000
32.29 (372.54)
15.99 (182.27)
8.02 (91.73)
4.08 (45.89)
2.19 (24.14)
1.36 (12.32)
1.08 (8.03)
1.00 (6.93)
Table 6. Effective Number of Bits From RMS Noise and (Peak-to-Peak Noise)
at AVDD = 5V, AVSS = 0V, and External Reference = 2.5V
DATA
PGA SETTING
RATE
(SPS)
1
2
4
8
16
32
64
128
5
21.8 (19.6)
21.5 (19.0)
21.4 (19.0)
21.4 (19.0)
21.3 (19.2)
20.9 (18.7)
20.2 (17.8)
19.4 (17.2)
10
21.4 (18.8)
21.3 (19.1)
21.0 (18.5)
20.8 (18.6)
20.7 (18.6)
20.6 (18.0)
19.9 (17.5)
18.9 (16.5)
20
20.8 (18.2)
20.7 (18.2)
20.5 (18.0)
20.5 (18.0)
20.4 (18.0)
20.0 (17.5)
19.3 (16.9)
18.4 (15.9)
40
20.5 (17.8)
20.6 (18.0)
20.5 (18.0)
20.4 (17.8)
20.2 (17.8)
19.8 (17.4)
18.7 (16.3)
17.8 (15.4)
80
20.1 (17.5)
20.1 (17.3)
20.3 (17.6)
20.0 (17.2)
19.7 (17.0)
19.4 (16.7)
18.4 (15.7)
17.5 (14.9)
160
19.6 (16.6)
19.6 (16.8)
19.6 (16.8)
19.5 (16.6)
19.3 (16.4)
18.9 (16.0)
17.9 (15.2)
16.9 (14.2)
320
18.7 (15.7)
18.7 (15.7)
18.5 (15.7)
18.7 (15.7)
18.5 (15.6)
18.1 (15.3)
17.4 (14.5)
16.5 (13.7)
640
18.2 (15.1)
18.2 (15.1)
18.1 (15.1)
18.4 (15.5)
18.0 (14.8)
17.6 (14.7)
16.9 (14.1)
16.0 (13.1)
1000
17.0 (13.2)
17.0 (13.4)
16.4 (13.4)
16.7 (13.7)
17.0 (13.4)
16.8 (13.3)
16.4 (13.1)
15.6 (12.6)
2000
17.0 (13.4)
17.0 (13.5)
17.0 (13.4)
16.9 (13.4)
16.8 (13.4)
16.5 (13.3)
15.9 (13.0)
15.0 (12.2)
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS1246 ADS1247 ADS1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com