Electronic Components Datasheet Search
  English  ▼

X  

ADS1246 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1246
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1246 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1246 Datasheet HTML 1Page - Texas Instruments ADS1246 Datasheet HTML 2Page - Texas Instruments ADS1246 Datasheet HTML 3Page - Texas Instruments ADS1246 Datasheet HTML 4Page - Texas Instruments ADS1246 Datasheet HTML 5Page - Texas Instruments ADS1246 Datasheet HTML 6Page - Texas Instruments ADS1246 Datasheet HTML 7Page - Texas Instruments ADS1246 Datasheet HTML 8Page - Texas Instruments ADS1246 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
ADS1246
ADS1247
ADS1248
www.ti.com
SBAS426D – AUGUST 2008 – REVISED MARCH 2010
ELECTRICAL CHARACTERISTICS (continued)
Minimum/maximum specifications apply from –40°C to +105°C. Typical specifications are at +25°C. All specifications at
AVDD = +5V, DVDD = +3.3V, AVSS = 0V, VREF = +2.048V, and oscillator frequency = 4.096MHz, unless otherwise noted.
ADS1246, ADS1247, ADS1248
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SOURCES (IDACS)
Output current
50, 100, 250, 500, 750, 1000, 1500
mA
Voltage compliance
All currents
AVDD – 0.7
V
Initial error
All currents, each IDAC
–6
±1.0
6
% of FS
Initial mismatch
All currents, between IDACs
±0.15
% of FS
Temperature drift
Each IDAC
100
ppm/°C
Temperature drift matching
Between IDACs
10
ppm/°C
SYSTEM MONITORS
Voltage
TA = +25°C
118
mV
Temperature
sensor reading
Drift
405
mV/°C
GENERAL-PURPOSE INPUT/OUTPUT (GPIO)
VIH
0.7AVDD
AVDD
V
VIL
AVSS
0.3AVDD
V
Logic levels
VOH
IOH = 1mA
0.8AVDD
V
VOL
IOL = 1mA
0.2 AVDD
V
DIGITAL INPUT/OUTPUT (other than GPIO)
VIH
0.7DVDD
DVDD
V
VIL
DGND
0.3DVDD
V
Logic levels
VOH
IOH = 1mA
0.8DVDD
V
VOL
IOL = 1mA
DGND
0.2 DVDD
V
Input leakage
DGND < VIN < DVDD
±10
mA
Frequency
1
4.5
MHz
Clock input
(CLK)
Duty cycle
25
75
%
Internal oscillator frequency
3.89
4.096
4.3
MHz
POWER SUPPLY
DVDD
2.7
5.25
V
AVSS
–2.5
0
V
AVDD
AVSS + 2.7
AVSS + 5.25
V
Normal mode, DVDD = 5V,
230
mA
data rate = 20SPS, internal oscillator
DVDD current
Normal mode, DVDD = 3.3V,
210
mA
data rate = 20SPS, internal oscillator
Sleep mode
0.2
µA
Converting, AVDD = 5V,
225
µA
data rate = 20SPS, external reference
Converting, AVDD = 3.3V,
200
µA
data rate = 20SPS, external reference
AVDD current
Sleep mode
0.1
µA
Additional current with internal reference
180
mA
enabled
AVDD = DVDD = 5V,
data rate = 20SPS, internal oscillator,
2.3
mW
external reference
Power dissipation
AVDD = DVDD = 3.3V,
data rate = 20SPS, internal oscillator,
1.4
mW
external reference
TEMPERATURE RANGE
Specified
–40
+105
°C
Operating
–40
+125
°C
Storage
–60
+150
°C
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS1246 ADS1247 ADS1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com