Electronic Components Datasheet Search
  English  ▼

X  

ADS1246 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1246
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1246 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS1246 Datasheet HTML 35Page - Texas Instruments ADS1246 Datasheet HTML 36Page - Texas Instruments ADS1246 Datasheet HTML 37Page - Texas Instruments ADS1246 Datasheet HTML 38Page - Texas Instruments ADS1246 Datasheet HTML 39Page - Texas Instruments ADS1246 Datasheet HTML 40Page - Texas Instruments ADS1246 Datasheet HTML 41Page - Texas Instruments ADS1246 Datasheet HTML 42Page - Texas Instruments ADS1246 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
ADS1246
ADS1247
ADS1248
www.ti.com
SBAS426D – AUGUST 2008 – REVISED MARCH 2010
ADS1246 DETAILED REGISTER DEFINITIONS (continued)
VBIAS—Bias Voltage Register. This register enables a bias voltage on the analog inputs.
VBIAS - ADDRESS 01h
RESET VALUE = 00h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
0
0
VBIAS1
VBIAS0
Bits 7:2
These bits must always be set to '000000'.
Bits 1:0
VBIAS1:0
These bits apply a bias voltage of midsupply (AVDD + AVSS)/2 to the selected analog input. Bit 0
is for AIN0, and bit 1 is for AIN1.
0 = Bias voltage not enabled (default)
1 = Bias voltage is applied to the analog input
MUX—Multiplexer Control Register.
MUX - ADDRESS 02h
RESET VALUE = x0h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CLKSTAT
0
0
0
0
MUXCAL2
MUXCAL1
MUXCAL0
Bit 7
CLKSTAT
This bit is read-only and indicates whether the internal or external oscillator is being used.
0 = Internal oscillator in use
1 = External oscillator in use
Bits 6:3
These bits must always be set to '0000'.
Bits 2:0
MUXCAL2:0
These bits are used to select a system monitor. The MUXCAL selection supercedes selections
from the VBIAS register.
000 = Normal operation (default)
001 = Offset calibration. The analog inputs are disconnected and AINP and AINN are internally
connected to midsupply (AVDD + AVSS)/2.
010 = Gain calibration. The analog inputs are connected to the voltage reference.
011 = Temperature measurement. The inputs are connected to a diode circuit that produces a
voltage proportional to the ambient temperature of the device..
Table 23 lists the ADC input connection and PGA settings for each MUXCAL setting. The PGA setting reverts to
the original SYS0 register setting when MUXCAL is taken back to normal operation or offset measurement.
Table 23. MUXCAL Settings
MUXCAL[2:0]
PGA GAIN SETTING
ADC INPUT
000
Set by SYS0 register
Normal operation
001
Set by SYS0 register
Offset calibration: inputs shorted to midsupply (AVDD + AVSS)/2
010
Forced to 1
Gain calibration: VREFP – VREFN (full-scale)
011
Forced to 1
Temperature measurement diode
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS1246 ADS1247 ADS1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com