Electronic Components Datasheet Search
  English  ▼

X  

ADS1246 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1246
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1246 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS1246 Datasheet HTML 45Page - Texas Instruments ADS1246 Datasheet HTML 46Page - Texas Instruments ADS1246 Datasheet HTML 47Page - Texas Instruments ADS1246 Datasheet HTML 48Page - Texas Instruments ADS1246 Datasheet HTML 49Page - Texas Instruments ADS1246 Datasheet HTML 50Page - Texas Instruments ADS1246 Datasheet HTML 51Page - Texas Instruments ADS1246 Datasheet HTML 52Page - Texas Instruments ADS1246 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
ADS1246
ADS1247
ADS1248
www.ti.com
SBAS426D – AUGUST 2008 – REVISED MARCH 2010
SPI COMMANDS
SPI COMMAND DEFINITIONS
The commands shown in Table 26 control the operation of the ADS1246/7/8. Some of the commands are
stand-alone commands (for example, RESET), whereas others require additional bytes (for example, WREG
requires command, count, and the data bytes).
Operands:
n = number of registers to be read or written (number of bytes – 1)
r = register (0 to 15)
x = don't care
Table 26. SPI Commands
COMMAND TYPE
COMMAND
DESCRIPTION
1st COMMAND BYTE
2nd COMMAND BYTE
WAKEUP
Exit sleep mode
0000 000x (00h, 01h)
SLEEP
Enter sleep mode
0000 001x (02h, 03h)
System Control
SYNC
Synchronize the A/D conversion
0000 010x (04h, 05h)
0000-010x (04,05h)
RESET
Reset to power-up values
0000 011x (06h, 07h)
NOP
No operation
1111 1111 (FFh)
RDATA
Read data once
0001 001x (12h, 13h)
Data Read
RDATAC
Read data continuously
0001 010x (14h, 15h)
SDATAC
Stop reading data continuously
0001 011x (16h, 17h)
Read Register
RREG
Read from register rrrr
0010 rrrr (2xh)
0000_nnnn
Write Register
WREG
Write to register rrrr
0100 rrrr (4xh)
0000_nnnn
SYSOCAL
System offset calibration
0110 0000 (60h)
Calibration
SYSGCAL
System gain calibration
0110 0001 (61h)
SELFOCAL
Self offset calibration
0110 0010 (62h)
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): ADS1246 ADS1247 ADS1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com