Electronic Components Datasheet Search
  English  ▼

X  

ADS1246 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1246
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1246 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS1246 Datasheet HTML 26Page - Texas Instruments ADS1246 Datasheet HTML 27Page - Texas Instruments ADS1246 Datasheet HTML 28Page - Texas Instruments ADS1246 Datasheet HTML 29Page - Texas Instruments ADS1246 Datasheet HTML 30Page - Texas Instruments ADS1246 Datasheet HTML 31Page - Texas Instruments ADS1246 Datasheet HTML 32Page - Texas Instruments ADS1246 Datasheet HTML 33Page - Texas Instruments ADS1246 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
IOCFG
AINx/GPIOx
ToAnalogMux
DIOWRITE
IODIR
DIOREAD
REFx0/GPIOx
ADS1246
ADS1247
ADS1248
SBAS426D – AUGUST 2008 – REVISED MARCH 2010
www.ti.com
Power-Supply Monitor
GENERAL-PURPOSE DIGITAL I/O
The system monitor can measure the analog or
The ADS1248 has eight pins and the ADS1247 has
digital power supply. When measuring the power
four pins that serve a dual purpose as either analog
supply, the resulting conversion is approximately 1/4
inputs
or
general-purpose
digital
inputs/outputs
of the actual power supply voltage.
(GPIOs).
Conversion Result = (VSP/4)/VREF
(5)
Figure 62 shows a diagram of how these functions
are combined onto a single pin. Note that when the
Where VSP is the selected supply to be measured.
pin is configured as a GPIO, the corresponding logic
is powered from AVDD and AVSS. When the
External Voltage Reference Monitor
ADS1247/8
are
operated
with
bipolar
analog
The ADS1246/7/8 can be selected to measure the
supplies, the GPIO outputs bipolar voltages. Care
external voltage reference. In this configuration, the
must be taken loading the GPIO pins when used as
monitored external voltage reference is connected to
outputs because large currents can cause droop or
the analog input. The result (conversion code) is
noise on the analog supplies.
approximately 1/4 of the actual reference voltage.
Conversion Result = (VREX/4)/VREF
(6)
Where
VREX is the external reference to be
monitored.
NOTE: The internal reference voltage must be
enabled
when
measuring
an
external
voltage
reference using the system monitor.
Ambient Temperature Monitor
On-chip
diodes
provide
temperature-sensing
capability. When selecting the temperature monitor
function, the anodes of two diodes are connected to
Figure 62. Analog/Data Interface Pin
the ADC. Typically, the difference in diode voltage is
118mV at +25°C with a temperature coefficient of
405mV/°C.
SYSTEM MONITOR
Note that when the onboard temperature monitor is
The ADS1247 and ADS1248 provide a system
selected,
the
PGA
is
automatically
set
to
'1'.
monitor function. This function can measure the
However, the PGA register bits in are not affected
analog power supply, digital power supply, external
and the PGA returns to its set value when the
voltage reference, or ambient temperature. Note that
temperature monitor is turned off.
the system monitor function provides a coarse result.
When the system monitor is enabled, the analog
inputs are disconnected.
30
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1246 ADS1247 ADS1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com