Electronic Components Datasheet Search
  English  ▼

X  

TAS5715PHPR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715PHPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS5715PHPR Datasheet HTML 30Page - Texas Instruments TAS5715PHPR Datasheet HTML 31Page - Texas Instruments TAS5715PHPR Datasheet HTML 32Page - Texas Instruments TAS5715PHPR Datasheet HTML 33Page - Texas Instruments TAS5715PHPR Datasheet HTML 34Page - Texas Instruments TAS5715PHPR Datasheet HTML 35Page - Texas Instruments TAS5715PHPR Datasheet HTML 36Page - Texas Instruments TAS5715PHPR Datasheet HTML 37Page - Texas Instruments TAS5715PHPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
TAS5715
SLOS645 – AUGUST 2010
www.ti.com
PWM DC Detection
The TAS5715 supports a PWM dc-detect function. This is to detect dc present in the input source and generated
by another means in the blocks prior to PCM-to-PWM conversion.
If enabled (0x46, bit 10), the detection block checks for PWM duty cycle. If it is above the programmed threshold
(0x0F, bits 7–4]) for more than the programmed duration of time (0x0F, bits 3–0), the PWM dc error flag is set on
error register 0x02, bit 0.
This bit is set as long as the dc condition remains. Once the dc condition is gone, the bit is cleared automatically.
The bit is cleared if detection is disabled.
Biquad Corruption Control
The TAS5715 supports this function to prevent issues when a biquad value is corrupted due an error in the I2C
line while updating biquads. The system controller writes a checksum for the biquads into the checksum register.
Once the EQ CRC detect function is enabled (0x46, bit 25), the TAS5715 periodically calculates a checksum for
biquads in DAP memory and compare it with the expected checksum. If an error occurs, then the crc error flag is
set in register 0x02, bit 3.
34
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com