Electronic Components Datasheet Search
  English  ▼

X  

TAS5715PHPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715PHPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS5715PHPR Datasheet HTML 11Page - Texas Instruments TAS5715PHPR Datasheet HTML 12Page - Texas Instruments TAS5715PHPR Datasheet HTML 13Page - Texas Instruments TAS5715PHPR Datasheet HTML 14Page - Texas Instruments TAS5715PHPR Datasheet HTML 15Page - Texas Instruments TAS5715PHPR Datasheet HTML 16Page - Texas Instruments TAS5715PHPR Datasheet HTML 17Page - Texas Instruments TAS5715PHPR Datasheet HTML 18Page - Texas Instruments TAS5715PHPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
Output Power (W)
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
0.01
0.1
1
10
40
0.001
0.01
0.1
1
10
f = 20Hz
f = 1kHz
f = 10kHz
G005
PVDD = 8V
RL = 8Ω
TA = 25°C
Output Power (W)
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
0.01
0.1
1
10
40
0.001
0.01
0.1
1
10
f = 20Hz
f = 1kHz
f = 10kHz
G006
PVDD = 12V
RL = 8Ω
TA = 25°C
Output Power (W)
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
0.01
0.1
1
10
40
0.001
0.01
0.1
1
10
f = 20Hz
f = 1kHz
f = 10kHz
G007
PVDD = 18V
RL = 8Ω
TA = 25°C
Output Power (W)
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
0.01
0.1
1
10
40
0.001
0.01
0.1
1
10
f = 20Hz
f = 1kHz
f = 10kHz
G008
PVDD = 24V
RL = 8Ω
TA = 25°C
TAS5715
www.ti.com
SLOS645 – AUGUST 2010
TYPICAL CHARACTERISTICS, BTL CONFIGURATION, 8
Ω (continued)
Figure 10.
Figure 11.
Figure 12.
Figure 13.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com