Electronic Components Datasheet Search
  English  ▼

X  

TAS5715PHPR Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715PHPR Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS5715PHPR Datasheet HTML 38Page - Texas Instruments TAS5715PHPR Datasheet HTML 39Page - Texas Instruments TAS5715PHPR Datasheet HTML 40Page - Texas Instruments TAS5715PHPR Datasheet HTML 41Page - Texas Instruments TAS5715PHPR Datasheet HTML 42Page - Texas Instruments TAS5715PHPR Datasheet HTML 43Page - Texas Instruments TAS5715PHPR Datasheet HTML 44Page - Texas Instruments TAS5715PHPR Datasheet HTML 45Page - Texas Instruments TAS5715PHPR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
TAS5715
SLOS645 – AUGUST 2010
www.ti.com
Shutdown Sequence
Enter:
1.
Ensure I2S clocks have been stable and valid for at least 50ms.
2.
Write 0x40 to register 0x05.
3.
Wait at least 1ms+1.3*Tstop (where Tstop is specified by register 0x1A).
4.
Once in shutdown, stable clocks are not required while device remains idle.
5.
If desired, reconfigure by ensuring that clocks have been stable and valid for at least 50ms before
returning to step 4 of initialization sequence.
Exit:
1.
Ensure I2S clocks have been stable and valid for at least 50ms.
2.
Write 0x00 to register 0x05 (exit shutdown command may not be serviced for as much as 240ms
after trim following AVDD/DVDD powerup ramp).
3.
Wait at least 1ms+1.3*Tstart (where Tstart is specified by register 0x1A).
4.
Proceed with normal operation.
Powerdown Sequence
Use the following sequence to powerdown the device and its supplies:
1.
If time permits, enter shutdown (sequence defined above); else, in case of sudden power loss,
assert PDN = 0 and wait at least 2ms.
2.
Assert RESET = 0.
3.
Drive digital inputs low and ramp down PVDD supply as follows:
•
Drive all digital inputs low after RESET has been low for at least 2µs.
•
Ramp down PVDD while ensuring that it remains above 8V until RESET has been low for at
least 2µs.
4.
Ramp down AVDD/DVDD while ensuring that it remains above 3V until PVDD is below 6V and
that it is never more than 2.5V below the digital inputs.
42
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com