Electronic Components Datasheet Search
  English  ▼

X  

TAS5715PHPR Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715PHPR Datasheet(HTML) 57 Page - Texas Instruments

Back Button TAS5715PHPR Datasheet HTML 53Page - Texas Instruments TAS5715PHPR Datasheet HTML 54Page - Texas Instruments TAS5715PHPR Datasheet HTML 55Page - Texas Instruments TAS5715PHPR Datasheet HTML 56Page - Texas Instruments TAS5715PHPR Datasheet HTML 57Page - Texas Instruments TAS5715PHPR Datasheet HTML 58Page - Texas Instruments TAS5715PHPR Datasheet HTML 59Page - Texas Instruments TAS5715PHPR Datasheet HTML 60Page - Texas Instruments TAS5715PHPR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
TAS5715
www.ti.com
SLOS645 – AUGUST 2010
VOLUME CONFIGURATION REGISTER (0x0E)
Bits
Volume slew rate (Used to control volume change and MUTE ramp rates). These bits control the
D2–D0:
number of steps in a volume ramp. Volume steps occur at a rate that depends on the sample rate of
the I2S data as follows:
Sample rate (KHz)
Approximate ramp rate
8/16/32
125 ms/step
11.025/22.05/44.1
90.7 ms/step
12/24/48
83.3 ms/step
Table 13. Volume Control Register (0x0E)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
0
0
1
0
–
–
–
Reserved (1)
–
–
–
–
–
0
0
0
Volume slew 512 steps (43 ms volume ramp time at 48 kHz)(1)
–
–
–
–
–
0
0
1
Volume slew 1024 steps (85 ms volume ramp time at 48 kHz)
–
–
–
–
–
0
1
0
Volume slew 2048 steps (171 ms volume ramp time at 48 kHz)
–
–
–
–
–
0
1
1
Volume slew 256 steps (21 ms volume ramp time at 48 kHz)
–
–
–
–
–
1
X
X
Reserved
(1)
Default values are in bold.
DC DETECT CONTROL REGISTER (0x0F)
Table 14. DC Detect Control Register (0x0F)(1)
D7
D6
D5
D4
D3
D2
D1
D0
Magnitude
MAX +
MAX –
0
0
0
0
–
–
–
–
7
52.73%
47.27%
0
0
0
1
–
–
–
–
15
55.86%
44.14%
0
0
1
0
–
–
–
–
23
58.98%
41.02%
0
0
1
1
–
–
–
–
31
62.11%
37.89%
0
1
0
0
–
–
–
–
39
65.23%
34.77%
0
1
0
1
–
–
–
–
47
68.36%
31.64%
0
1
1
0
–
–
–
–
55
71.48%
28.52%
0
1
1
1
–
–
–
–
63
74.61%
25.39%
1
0
0
0
–
–
–
–
71
77.73%
22.27%
1
0
0
1
–
–
–
–
79
80.86%
19.14%
1
0
1
0
–
–
–
–
87
83.98%
16.02%
1
0
1
1
–
–
–
–
95
87.11%
12.89%
1
1
0
0
–
–
–
–
103
90.23%
9.77%
1
1
0
1
–
–
–
–
111
93.36%
6.64%
1
1
1
0
–
–
–
–
119
96.48%
3.52%
1
1
1
1
–
–
–
–
127
99.61%
0.39%
Time, ms
–
–
–
–
0
0
0
0
157.1
–
–
–
–
0
0
0
1
314.2
–
–
–
–
0
0
1
0
471.3
–
–
–
–
0
0
1
1
628.4
–
–
–
–
0
1
0
0
785.5
–
–
–
–
0
1
0
1
942.6
–
–
–
–
0
1
1
0
1099.7
(1)
See register 0x46, bit D10 for enable/disable control of this feature.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com