Electronic Components Datasheet Search
  English  ▼

X  

TAS5715PHPR Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715PHPR Datasheet(HTML) 53 Page - Texas Instruments

Back Button TAS5715PHPR Datasheet HTML 49Page - Texas Instruments TAS5715PHPR Datasheet HTML 50Page - Texas Instruments TAS5715PHPR Datasheet HTML 51Page - Texas Instruments TAS5715PHPR Datasheet HTML 52Page - Texas Instruments TAS5715PHPR Datasheet HTML 53Page - Texas Instruments TAS5715PHPR Datasheet HTML 54Page - Texas Instruments TAS5715PHPR Datasheet HTML 55Page - Texas Instruments TAS5715PHPR Datasheet HTML 56Page - Texas Instruments TAS5715PHPR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
TAS5715
www.ti.com
SLOS645 – AUGUST 2010
Table 7. System Control Register 1 (0x03)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
PWM high-pass (dc blocking) disabled
1
–
–
–
–
–
–
–
PWM high-pass (dc blocking) enabled (1)
–
0
–
–
–
–
–
–
Reserved (1)
–
–
0
–
–
–
–
–
Soft unmute on recovery from clock error
–
–
1
–
–
–
–
–
Hard unmute on recovery from clock error (1)
–
–
–
1
–
–
–
–
Reserved (1)
–
–
–
–
0
–
–
–
Reserved (1)
–
–
–
–
–
0
–
–
Reserved(1)
–
–
–
–
–
–
0
0
No de-emphasis (1)
–
–
–
–
–
–
0
1
De-emphasis for fS = 32 kHz
–
–
–
–
–
–
1
0
De-emphasis for fS = 44.1 kHz
–
–
–
–
–
–
1
1
De-emphasis for fS = 48 kHz
(1)
Default values are in bold.
SERIAL DATA INTERFACE REGISTER (0x04)
As shown in Table 8, the TAS5715 supports nine serial data modes. The default is 24-bit, I2S mode.
Table 8. Serial Data Interface Control Register (0x04) Format
RECEIVE SERIAL DATA
WORD
D7–D4
D3
D2
D1
D0
INTERFACE FORMAT
LENGTH
Right-justified
16
0000
0
0
0
0
Right-justified
20
0000
0
0
0
1
Right-justified
24
0000
0
0
1
0
I2S
16
000
0
0
1
1
I2S
20
0000
0
1
0
0
I2S (1)
24
0000
0
1
0
1
Left-justified
16
0000
0
1
1
0
Left-justified
20
0000
0
1
1
1
Left-justified
24
0000
1
0
0
0
Reserved
0000
1
0
0
1
Reserved
0000
1
0
1
0
Reserved
0000
1
0
1
1
Reserved
0000
1
1
0
0
Reserved
0000
1
1
0
1
Reserved
0000
1
1
1
0
Reserved
0000
1
1
1
1
(1)
Default values are in bold.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com