Electronic Components Datasheet Search
  English  ▼

X  

TAS5715PHPR Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715PHPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS5715PHPR Datasheet HTML 37Page - Texas Instruments TAS5715PHPR Datasheet HTML 38Page - Texas Instruments TAS5715PHPR Datasheet HTML 39Page - Texas Instruments TAS5715PHPR Datasheet HTML 40Page - Texas Instruments TAS5715PHPR Datasheet HTML 41Page - Texas Instruments TAS5715PHPR Datasheet HTML 42Page - Texas Instruments TAS5715PHPR Datasheet HTML 43Page - Texas Instruments TAS5715PHPR Datasheet HTML 44Page - Texas Instruments TAS5715PHPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
2 s
m
2 s
m
AVDD/DVDD
PDN
PVDD
RESET
T0420-05
3V
8V
6V
I C
2
2ms
0ns
0ns
0ns
TAS5715
www.ti.com
SLOS645 – AUGUST 2010
Figure 56. Power Loss Sequence
Initialization Sequence
Use the following sequence to power-up and initialize the device:
1.
Hold all digital inputs low and ramp up AVDD/DVDD to at least 3V.
2.
Initialize digital inputs and PVDD supply as follows:
•
Drive RESET = 0, PDN = 1, and other digital inputs to their desired state while ensuring that
all are never more than 2.5V above AVDD/DVDD. Wait at least 100µs, drive RESET = 1, and
wait at least another 13.5ms.
•
Ramp up PVDD to at least 8V while ensuring that it remains below 6V for at least 100µs after
AVDD/DVDD reaches 3V. Then wait at least another 10µs.
3.
Trim oscillator (write 0x00 to register 0x1B) and wait at least 50ms.
4.
Configure the DAP via I2C (see Users's Guide for typical values).
5.
Configure remaining registers.
6.
Exit shutdown (sequence defined below).
Normal Operation
The following are the only events supported during normal operation:
1.
Writes to master/channel volume registers.
2.
Writes to soft mute register.
3.
Enter and exit shutdown (sequence defined below).
4.
Clock errors and rate changes.
Note: Events 3 and 4 are not supported for 240ms+1.3*Tstart after trim following AVDD/DVDD powerup
ramp (where Tstart is specified by register 0x1A).
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com