Electronic Components Datasheet Search
  English  ▼

X  

TAS5715PHPR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715PHPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5715PHPR Datasheet HTML 45Page - Texas Instruments TAS5715PHPR Datasheet HTML 46Page - Texas Instruments TAS5715PHPR Datasheet HTML 47Page - Texas Instruments TAS5715PHPR Datasheet HTML 48Page - Texas Instruments TAS5715PHPR Datasheet HTML 49Page - Texas Instruments TAS5715PHPR Datasheet HTML 50Page - Texas Instruments TAS5715PHPR Datasheet HTML 51Page - Texas Instruments TAS5715PHPR Datasheet HTML 52Page - Texas Instruments TAS5715PHPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
TAS5715
www.ti.com
SLOS645 – AUGUST 2010
Table 3. Serial Control Interface Register Summary (continued)
NO. OF
INITIALIZATION
SUBADDRESS
REGISTER NAME
CONTENTS
BYTES
VALUE
0x34
ch2_bq[4]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x35
ch2_bq[5]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x36
ch2_bq[6]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x37
EQ CRC
4
u[31:16], EQ CRC [15:0]
0x0000 A14C
0x38
DRC CRC
4
u[31:16], DRC CRC [15:0]
0x0000 5395
0x39
Reserved(2)
0x0000 0000
0x3A
8
Reserved(2)
0x0080 0000
0x3B
DRC1 softening filter alpha
8
u[31:26], ae[25:0]
0x0008 0000
DRC1 softening filter
u[31:26], oe[25:0]
0x0078 0000
omega
0x3C
DRC1 attack rate
8
0x0000 0100
DRC1 release rate
0xFFFF FF00
0x3D
8
Reserved(2)
0x0080 0000
0x3E
DRC2 softening filter alpha
8
u[31:26], ae[25:0]
0x0008 0000
DRC2 softening filter
u[31:26], oe[25:0]
0xFFF8 0000
omega
0x3F
DRC2 attack rate
8
u[31:26], at[25:0]
0x0008 0000
DRC2 release rate
u[31:26], rt[25:0]
0xFFF8 0000
0x40
DRC1 attack threshold
8
T1[31:0] (9.23 format)
0x0800 0000
DRC1 release threshold
T1'[31:0]
0x07FF FFFF
0x42
4
Reserved(2)
0x0000 0000
0x43
DRC2 attack threshold
8
T2[31:0] (9.23 format)
0x0074 0000
DRC2 release threshold
T2'[31:0]
0x0073 FFFF
0x45
4
Reserved(2)
0x0000 0000
0x46
DRC and DC DETECT
4
Description shown in subsequent section
0x0002 0020
control
0x47–0x4F
4
Reserved(2)
0x50
Bank switch control
4
Description shown in subsequent section
0x0F70 8000
0x51
Ch 1 output mixer
8
Ch 1 output mix1[1]
0x0080 0000
Ch 1 output mix1[0]
0x0000 0000
0x52
Ch 2 output mixer
8
Ch 2 output mix2[1]
0x0080 0000
Ch 2 output mix2[0]
0x0000 0000
0x53
Ch 1 input mixers
16
Channel-1 input mixers can be accessed using I2C
subaddresses 0x70–0x73 using 4-byte access
(2)
Reserved registers should not be accessed.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com