Electronic Components Datasheet Search
  English  ▼

X  

TAS5715PHPR Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715PHPR Datasheet(HTML) 55 Page - Texas Instruments

Back Button TAS5715PHPR Datasheet HTML 51Page - Texas Instruments TAS5715PHPR Datasheet HTML 52Page - Texas Instruments TAS5715PHPR Datasheet HTML 53Page - Texas Instruments TAS5715PHPR Datasheet HTML 54Page - Texas Instruments TAS5715PHPR Datasheet HTML 55Page - Texas Instruments TAS5715PHPR Datasheet HTML 56Page - Texas Instruments TAS5715PHPR Datasheet HTML 57Page - Texas Instruments TAS5715PHPR Datasheet HTML 58Page - Texas Instruments TAS5715PHPR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
TAS5715
www.ti.com
SLOS645 – AUGUST 2010
VOLUME REGISTERS (0x07, 0x08, 0x09, 0x0C)
Step size is 0.5 dB.
Master volume
– 0x07 (default is mute)
Channel-1 volume
– 0x08 (default is 0 dB)
Channel-2 volume
– 0x09 (default is 0 dB)
Headphone volume
– 0x0C (default is 0 dB)
Volume in the TAS5715 is not intended for dynamic changes. Channel volumes are set during initialization.
Master volume is written with a value 0xFF to MUTE and with a value of 0x30 to UNMUTE during normal mode.
When DRC functionality is used, the maximum allowed volume (sum of channel and master volume ) is 15.5 dB.
When DRC is enabled, a MUTE command does not completely mute the system. The actual mute level depends
on the volume settings and modulation index.
FINE VOLUME SETTING:
TAS5715 has input mixers (0x73 , 0x77) that can be fine-tuned with a 3.23 format number to achieve the fine
volume setting.
To achieve 12.125 db of master volume, set the mixer to 0.125 db and set 0x07 (maser volume) to 12 db. The
advantage is 0x73 and 0x77 can be set to a much finer setting using 3.23 format numbers, providing the
flexibility to adjust output power precisely.
Table 11. Volume Registers (0x07, 0x08, 0x09, 0x0C)
D
D
D
D
D
D
D
D
FUNCTION
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
24 dB
0
0
1
1
0
0
0
0
0 dB (default for individual channel volume) (1)
1
1
1
1
1
1
1
0
–103 dB
1
1
1
1
1
1
1
1
Soft mute
(1)
Default values are in bold.
Table 12. Master Volume Table
HEX
dB
HEX
dB
HEX
dB
HEX
dB
HEX
dB
HEX
dB
00
24
30
0
60
–24
90
–48
C0
–72
F0
–96
01
23.5
31
–0.5
61
–24.5
91
–48.5
C1
–72.5
F1
–96.5
02
23
32
–1
62
–25
92
–49
C2
–73
F2
–97
03
22.5
33
–1.5
63
–25.5
93
–49.5
C3
–73.5
F3
–97.5
04
22
34
–2
64
–26
94
–50
C4
–74
F4
–98
05
21.5
35
–2.5
65
–26.5
95
–50.5
C5
–74.5
F5
–98.5
06
21
36
–3
66
–27
96
–51
C6
–75
F6
–99
07
20.5
37
–3.5
67
–27.5
97
–51.5
C7
–75.5
F7
–99.5
08
20
38
–4
68
–28
98
–52
C8
–76
F8
–100
09
19.5
39
–4.5
69
–28.5
99
–52.5
C9
–76.5
F8
0A
19
3A
–5
6A
–29
9A
–53
CA
–77
FA
0B
18.5
3B
–5.5
6B
–29.5
9B
–53.5
CB
–77.5
FB
0C
18
3C
–6
6C
–30
9C
–54
CC
–78
FC
0D
17.5
3D
–6.5
6D
–30.5
9D
–54.5
CD
–78.5
FD
0E
17
3E
–7
6E
–31
9E
–55
CE
–79
FE
0F
16.5
3F
–7.5
6F
–31.5
9F
–55.5
CF
–79.5
FF
10
16
40
–8
70
–32
A0
–56
D0
–80
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com