Electronic Components Datasheet Search
  English  ▼

X  

TAS5715PHPR Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715PHPR Datasheet(HTML) 56 Page - Texas Instruments

Back Button TAS5715PHPR Datasheet HTML 52Page - Texas Instruments TAS5715PHPR Datasheet HTML 53Page - Texas Instruments TAS5715PHPR Datasheet HTML 54Page - Texas Instruments TAS5715PHPR Datasheet HTML 55Page - Texas Instruments TAS5715PHPR Datasheet HTML 56Page - Texas Instruments TAS5715PHPR Datasheet HTML 57Page - Texas Instruments TAS5715PHPR Datasheet HTML 58Page - Texas Instruments TAS5715PHPR Datasheet HTML 59Page - Texas Instruments TAS5715PHPR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
TAS5715
SLOS645 – AUGUST 2010
www.ti.com
Table 12. Master Volume Table (continued)
HEX
dB
HEX
dB
HEX
dB
HEX
dB
HEX
dB
HEX
dB
11
15.5
41
–8.5
71
–32.5
A1
–56.5
D1
–80.5
12
15
42
–9
72
–33
A2
–57
D2
–81
13
14.5
43
–9.5
73
–33.5
A3
–57.5
D3
–81.5
14
14
44
–10
74
–34
A4
–58
D4
–82
15
13.5
45
–10.5
75
–34.5
A5
–58.5
D5
–82.5
16
13
46
–11
76
–35
A6
–59
D6
–83
17
12.5
37
–11.5
77
–35.5
A7
–59.5
D7
–83.5
18
12
38
–12
78
–36
A8
–60
D8
–84
19
11.5
39
–12.5
79
–36.5
A9
–60.5
D9
–84.5
1A
11
4A
–13
7A
–37
AA
–61
DA
–85
1B
10.5
4B
–13.5
7B
–37.5
AB
–61.5
DB
–85.5
1C
10
4C
–14
7C
–38
AC
–62
DC
–86
1D
9.5
4D
–14.5
7D
–38.5
AD
–62.5
DD
–86.5
1E
9
4E
–15
7E
–39
AE
–63
DE
–87
1F
8.5
4F
–15.5
7F
–39.5
AF
–63.5
DF
–87.5
20
8
50
–16
80
–40
B0
–64
E0
–88
21
7.5
51
–16.5
81
–40.5
B1
–64.5
E1
–88.5
22
7
52
–17
82
–41
B2
–65
E2
–89
23
6.5
53
–17.5
83
–41.5
B3
–65.5
E3
–89.5
24
6
54
–18
84
–42
B4
–66
E4
–90
25
5.5
55
–18.5
85
–42.5
B5
–66.5
E5
–90.5
26
5
56
–19
86
–43
B6
–67
E6
–91
27
4.5
547
–19.5
87
–43.5
B7
–67.5
E7
–91.5
28
4
58
–20
88
–44
B8
–68
E8
–92
29
3.5
59
–20.5
89
–44.5
B9
–68.5
E9
–92.5
2A
3
5A
–21
8A
–45
BA
–69
EA
–93
2B
2.5
5B
–21.5
8B
–45.5
BB
–69.5
EB
–93.5
2C
2
5C
–22
8C
–46
BC
–70
EC
–94
2D
1.5
5D
–22.5
8D
–46.5
BD
–70.5
ED
–94.5
2E
1
5E
–23
8E
–47
BE
–71
EE
–95
2F
0.5
5F
–23.5
8F
–47.5
BF
–71.5
EF
–95.5
56
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com