Electronic Components Datasheet Search
  English  ▼

X  

TAS5715PHPR Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715PHPR Datasheet(HTML) 67 Page - Texas Instruments

Back Button TAS5715PHPR Datasheet HTML 63Page - Texas Instruments TAS5715PHPR Datasheet HTML 64Page - Texas Instruments TAS5715PHPR Datasheet HTML 65Page - Texas Instruments TAS5715PHPR Datasheet HTML 66Page - Texas Instruments TAS5715PHPR Datasheet HTML 67Page - Texas Instruments TAS5715PHPR Datasheet HTML 68Page - Texas Instruments TAS5715PHPR Datasheet HTML 69Page - Texas Instruments TAS5715PHPR Datasheet HTML 70Page - Texas Instruments TAS5715PHPR Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
TAS5715
www.ti.com
SLOS645 – AUGUST 2010
Table 24. Bank Switching Command (continued)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
EQ ON
1
–
–
–
–
–
–
–
EQ OFF (bypass BQ 0–7 of channels 1 and 2)
–
0
–
–
–
–
–
–
Reserved (2)
–
–
0
–
–
–
–
–
Ignore bank-mapping in bits D31–D8.Use default mapping. (2)
1
Use bank-mapping in bits D31–D8.
–
–
–
0
–
–
–
–
L and R can be written independently. (2) (3)
L and R are ganged for EQ biquads; a write to the left-channel
–
–
–
1
–
–
–
–
biquad is also written to the right-channel biquad. (0x29–0x2F is
ganged to 0x30–0x36. Also, 0x58–0x5B is ganged to 0x5C–0x5F.
–
–
–
–
0
–
–
–
Enable DRC time constant filter banking
–
–
–
–
1
–
–
–
Disable DRC time constantfilter banking
–
–
–
–
–
0
0
0
No bank switching. All updates to DAP (2)
–
–
–
–
–
0
0
1
Configure bank 1 (32 kHz by default)
–
–
–
–
–
0
1
0
Configure bank 2 (44.1/48 kHz by default)
–
–
–
–
–
0
1
1
Configure bank 3 (other sample rates by default)
–
–
–
–
–
1
0
0
Automatic bank selection
–
–
–
–
–
1
0
1
Reserved
–
–
–
–
–
1
1
X
Reserved
(2)
Default values are in bold.
(3)
Biquad ganging reduces the number of I2C transactions. This is very useful if the left and right PEQ biquads have the same coefficients.
If ganging is ON (D4 = 1), then any write to left biquad is automatically copied to the corresponding right biquad.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com