Electronic Components Datasheet Search
  English  ▼

X  

TAS5715PHPR Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715PHPR Datasheet(HTML) 60 Page - Texas Instruments

Back Button TAS5715PHPR Datasheet HTML 56Page - Texas Instruments TAS5715PHPR Datasheet HTML 57Page - Texas Instruments TAS5715PHPR Datasheet HTML 58Page - Texas Instruments TAS5715PHPR Datasheet HTML 59Page - Texas Instruments TAS5715PHPR Datasheet HTML 60Page - Texas Instruments TAS5715PHPR Datasheet HTML 61Page - Texas Instruments TAS5715PHPR Datasheet HTML 62Page - Texas Instruments TAS5715PHPR Datasheet HTML 63Page - Texas Instruments TAS5715PHPR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
TAS5715
SLOS645 – AUGUST 2010
www.ti.com
PWM SHUTDOWN GROUP REGISTER (0x19)
Settings of this register determine which PWM channels are active. The value should be 0x30 for BTL mode and
0x3A for PBTL mode. The default value of this register is 0x30. The functionality of this register is tied to the
state of bit D5 in the system control register.
This register defines which channels belong to the shutdown group (SDG). If a 1 is set in the shutdown group
register, that particular channel is not started following an exit out of all-channel shutdown command (if bit D5 is
set to 0 in system control register 2, 0x05).
Table 17. Shutdown Group Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
Reserved (1)
–
0
–
–
–
–
–
–
Reserved (1)
–
–
1
–
–
–
–
–
Reserved (1)
–
–
–
1
–
–
–
–
Reserved (1)
–
–
–
–
0
–
–
–
PWM channel 4 does not belong to shutdown group. (1)
–
–
–
–
1
–
–
–
PWM channel 4 belongs to shutdown group.
–
–
–
–
–
0
–
–
PWM channel 3 does not belong to shutdown group. (1)
–
–
–
–
–
1
–
–
PWM channel 3 belongs to shutdown group.
–
–
–
–
–
–
0
–
PWM channel 2 does not belong to shutdown group. (1)
–
–
–
–
–
–
1
–
PWM channel 2 belongs to shutdown group.
–
–
–
–
–
–
–
0
PWM channel 1 does not belong to shutdown group. (1)
–
–
–
–
–
–
–
1
PWM channel 1 belongs to shutdown group.
(1)
Default values are in bold.
60
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com