Electronic Components Datasheet Search
  English  ▼

X  

TAS5715PHPR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715PHPR Datasheet(HTML) 44 Page - Texas Instruments

Back Button TAS5715PHPR Datasheet HTML 40Page - Texas Instruments TAS5715PHPR Datasheet HTML 41Page - Texas Instruments TAS5715PHPR Datasheet HTML 42Page - Texas Instruments TAS5715PHPR Datasheet HTML 43Page - Texas Instruments TAS5715PHPR Datasheet HTML 44Page - Texas Instruments TAS5715PHPR Datasheet HTML 45Page - Texas Instruments TAS5715PHPR Datasheet HTML 46Page - Texas Instruments TAS5715PHPR Datasheet HTML 47Page - Texas Instruments TAS5715PHPR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
HP/
(SE/
)
SPKR
BTL
VALID
PWM_A(L+)
PWM_C(R+)
PWM_B(L–)
PWM_D(R–)
I C:SCL
SDA
2
HPSD
FAULT
(A0/
)
PDN
t
(PDN-HPSD)
Enable
FAULT
HPL/R
HPL/R
t
(exitSDHPamp)
T0453-01
t
(exitSDHP)
t
(HPamp)
=1Output
FAULT
Hi-Z(Ext.Pulldown)
TAS5715
SLOS645 – AUGUST 2010
www.ti.com
Headphone Configuration
• Registers 0x07–0x0B
Master/channel headphone volume
• Register 0x19
SDG = 0x30 or 0x00 (PWM3/4 in SDG)
• Registers 0x11–0x12
ICD1/2 = {0xAC, 0x54}
• Register 0x1A<7>
Clear bit for headphone mode (HP/SPKR = 0)
• Register 0x1A<4:0>
Set to 0 0000 for 0-ms start/stop period
• Register 0x20<23>
Clear bit for Ch1 AD mode
• Register 0x20<19>
Clear bit for Ch2 AD mode
• Register 0x46<1:0>
Clear both bits to disable DRC1 and DRC2
• Register 0x50<7>
Set bit to disable EQ
Headphone Mode Power Down
PARAMETE
DESCRIPTION
MIN
TYP
MAX
UNIT
R
t(PDN-HPSD)
Delay from power-down event to headphone amplifier shutdown assertion
2
ms
Exit shutdown wait time before enabling external headphone amp (t(HPchg)
t(exitSDHP)
1 + 1.3 × t(HPchg)
ms
given by register 0x1A<6:5>)
Headphone amp exit shutdown wait time before unmuting (t(HPamp) given by
1 + 1.3 ×
t(exitSDHPamp)
ms
register 0x1C<7:4>)
t(HPamp)
t(HPamp)
Headphone amp enable/disable wait time (given by register 0x1C<7:4>)
t(HPamp)
ms
Figure 58. Headphone Control Power Down
44
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com