Electronic Components Datasheet Search
  English  ▼

X  

TAS5508C Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 37Page - Texas Instruments TAS5508C Datasheet HTML 38Page - Texas Instruments TAS5508C Datasheet HTML 39Page - Texas Instruments TAS5508C Datasheet HTML 40Page - Texas Instruments TAS5508C Datasheet HTML 41Page - Texas Instruments TAS5508C Datasheet HTML 42Page - Texas Instruments TAS5508C Datasheet HTML 43Page - Texas Instruments TAS5508C Datasheet HTML 44Page - Texas Instruments TAS5508C Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 107 page
background image
−60
−50
−40
−30
−20
−10
0
10
20
30
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
Desired Gain − dB
Digital Gain
Power-Supply Gain
G002
G003
Desired Gain − Linear
Digital Gain
Power-Supply Gain
0.00001
0.1
100
0.0001
0.01
10
100
1
0.001
0.1
1
10
0.0001
0.001
0.01
TAS5508C
www.ti.com
SLES257 – SEPTEMBER 2010
Figure 2-20. Power-Supply and Digital Gains (Log Space)
Figure 2-21. Power-Supply and Digital Gains (Linear Space)
2.12.4 AM Interference Avoidance
Digital amplifiers can degrade AM reception as a result of their RF emissions. Texas Instruments' patented
AM interference-avoidance circuit provides a flexible system solution for a wide variety of digital audio
architectures. During AM reception, the TAS5508C adjusts the radiated emissions to provide an
emission-clear zone for the tuned AM frequency. The inputs to the TAS5508C for this operation are the
tuned AM frequency, the IF frequency, and the sample rate. The sample rate is automatically detected.
Copyright © 2010, Texas Instruments Incorporated
Description
41
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com