Electronic Components Datasheet Search
  English  ▼

X  

TAS5508C Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 41Page - Texas Instruments TAS5508C Datasheet HTML 42Page - Texas Instruments TAS5508C Datasheet HTML 43Page - Texas Instruments TAS5508C Datasheet HTML 44Page - Texas Instruments TAS5508C Datasheet HTML 45Page - Texas Instruments TAS5508C Datasheet HTML 46Page - Texas Instruments TAS5508C Datasheet HTML 47Page - Texas Instruments TAS5508C Datasheet HTML 48Page - Texas Instruments TAS5508C Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 107 page
background image
TAS5508C
www.ti.com
SLES257 – SEPTEMBER 2010
Table 3-2. Values Set During Reset (continued)
CONTROL
SETTING
Master volume
Mute
Individual channel volumes
0 dB
All bass and treble Indexes
0x12 neutral
Treble filter sets
Filter set 3
Bass filter sets
Filter set 3
Loudness (5508)
Loudness disabled, default values
AM interference enable
Disabled
AM interference IF
455
AM interference select sequence
1
Tuned frequency and mode
0000, BCD
Subwoofer PSVC control
Enabled
PSVC and PSVC range
Disabled/0 dB
After the initialization time, the TAS5508C starts the transition to the operational state with the master
volume set at mute.
Because the TAS5508C has an external crystal time base, following the release of RESET, the
TAS5508C sets the MCLK and data rates and performs the initialization sequences. The PWM outputs
are held at a mute state until the master volume is set to a value other than mute via I2C.
3.2.2
Power Down (PDN)
The TAS5508C can be placed into the power-down mode by holding the PDN terminal low. When the
power-down mode is entered, both the PLL and the oscillator are shut down. Volume is immediately set to
full attenuation (there is no ramp down). This control uses the PWM mute sequence that provides a low
click and pop transition to the hard mute state (M). A detailed description of the PWM mute sequence is
contained in the PWM section.
Power down is an asynchronous operation that does not require MCLK to go into the power-down state.
To initiate the power-up sequence requires MCLK to be operational and the TAS5508C to receive 5
MCLKs prior to the release of PDN.
As long as the PDN terminal is held low, the device is in the power-down state with the PWM outputs in a
hard mute (M) state. During power down, all I2C and serial data bus operations are ignored. Table 3-3
shows the device output signals while PDN is active.
Table 3-3. Device Outputs During Power Down
SIGNAL
SIGNAL STATE
Valid
Low
PWM P-outputs
M-state = low
PWM M-outputs
M-state = low
SDA
Signal input
PSVC
M-state = low
Following the application of PDN, the TAS5508C does not perform a quiet shutdown to prevent clicks and
pops produced during the application (the leading edge) of this command. The application of PDN
immediately performs a PWM stop. A quiet stop sequence can be performed by first applying MUTE
before PDN.
When PDN is released, the system goes to the end state specified by MUTE and BKND_ERR pins and
the I2C register settings.
Copyright © 2010, Texas Instruments Incorporated
TAS5508C Controls and Status
45
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com