Electronic Components Datasheet Search
  English  ▼

X  

TAS5508C Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 19Page - Texas Instruments TAS5508C Datasheet HTML 20Page - Texas Instruments TAS5508C Datasheet HTML 21Page - Texas Instruments TAS5508C Datasheet HTML 22Page - Texas Instruments TAS5508C Datasheet HTML 23Page - Texas Instruments TAS5508C Datasheet HTML 24Page - Texas Instruments TAS5508C Datasheet HTML 25Page - Texas Instruments TAS5508C Datasheet HTML 26Page - Texas Instruments TAS5508C Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 107 page
background image
B0015-03
SDIN1-L (L)
(1)
SDIN1-L (L)
SDIN1-L (L)
SDIN1-L (L)
SDIN1-L (L)
SDIN1-L (L)
SDIN1-L (L)
SDIN1-L (L)
SDIN1-R (R)
SDIN1-R (R)
(1)
SDIN1-R (R)
SDIN1-R (R)
SDIN1-R (R)
SDIN1-R (R)
SDIN1-R (R)
SDIN1-R (R)
SDIN2-L (LS)
SDIN2-L (LS)
SDIN2-L (LS)
(1)
SDIN2-L (LS)
SDIN2-L (LS)
SDIN2-L (LS)
SDIN2-L (LS)
SDIN2-L (LS)
SDIN2-R (RS)
SDIN2-R (RS)
SDIN2-R (RS)
SDIN2-R (RS)
(1)
SDIN2-R (RS)
SDIN2-R (RS)
SDIN2-R (RS)
SDIN2-R (RS)
SDIN3-L (LBS)
SDIN3-L (LBS)
SDIN3-L (LBS)
SDIN3-L (LBS)
SDIN3-L (LBS)
(1)
SDIN3-L (LBS)
SDIN3-L (LBS)
SDIN3-L (LBS)
SDIN3-R (RBS)
SDIN3-R (RBS)
SDIN3-R (RBS)
SDIN3-R (RBS)
SDIN3-R (RBS)
SDIN3-R (RBS)
(1)
SDIN3-R (RBS)
SDIN3-R (RBS)
SDIN4-L (C)
SDIN4-L (C)
SDIN4-L (C)
SDIN4-L (C)
SDIN4-L (C)
SDIN4-L (C)
SDIN4-L (C)
(1)
SDIN4-L (C)
SDIN4-R (LFE)
SDIN4-R (LFE)
SDIN4-R (LFE)
SDIN4-R (LFE)
SDIN4-R (LFE)
SDIN4-R (LFE)
SDIN4-R (LFE)
SDIN4-R (LFE)
(1)
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
G
G
G
G
G
G
G
G
H
H
H
H
H
H
H
H
Max Vol
Max Vol
Max Vol
IP Mixer 1
(I C 0x41)
8
8
Crossbar
Input Mixer
2
´
IP Mixer 2
(I C 0x42)
8
8
Crossbar
Input Mixer
2
´
IP Mixer 3
(I C 0x43)
8
8
Crossbar
Input Mixer
2
´
IP Mixer 4
(I C 0x44)
8
8
Crossbar
Input Mixer
2
´
IP Mixer 5
(I C 0x45)
8
8
Crossbar
Input Mixer
2
´
IP Mixer 6
(I C 0x46)
8
8
Crossbar
Input Mixer
2
´
IP Mixer 7
(I C 0x47)
8
8
Crossbar
Input Mixer
2
´
IP Mixer 8
(I C 0x48)
8
8
Crossbar
Input Mixer
2
´
OP Mixer 1
(I C 0xAA)
8
2
Output Mixer
2
´
OP Mixer 2
(I C 0xAB)
8
2
Output Mixer
2
´
OP Mixer 3
(I C 0xAC)
8
2
Output Mixer
2
´
OP Mixer 4
(I C 0xAD)
8
2
Output Mixer
2
´
OP Mixer 5
(I C 0xAE)
8
2
Output Mixer
2
´
OP Mixer 6
(I C 0xAF)
8
2
Output Mixer
2
´
OP Mixer 7
(I C 0xB0)
8
3
Output Mixer
2
´
OP Mixer 8
(I C 0xB1)
8
3
Output Mixer
2
´
Master Vol
(0xD9)
Master Vol
(0xD9)
Master Vol
(0xD9)
Master Vol
(0xD9)
Master Vol
(0xD9)
Master Vol
(0xD9)
Master Vol
(0xD9)
Master Vol
(0xD9)
4BQ
(0x51–
0x54)
4BQ
(0x58–
0x5B)
3BQ
(0x5F–
0x61)
3BQ
(0x66–
0x68)
3BQ
(0x7B–
0x7D)
4BQ
(0x82–
0x85)
Loud-
ness
(0x91–
0x95)
Loud-
ness
(0x91–
0x95)
Loud-
ness
(0x91–
0x95)
DRC1
(0x96–
0x9C)
DRC1
(0x96–
0x9C)
DRC1
(0x96–
0x9C)
DRC1
(0x96–
0x9C)
DRC2
(0x9D–
0xA1)
DRC1
(0x96–
0x9C)
DAP 1
Volume
(0xD1)
DAP 2
Volume
(0xD2)
DAP 3
Volume
(0xD3)
DAP 4
Volume
(0xD4)
DAP 5
Volume
(0xD5)
DAP 6
Volume
(0xD6)
DAP 7
Volume
(0xD7)
DAP 8
Volume
(0xD8)
L to
PWM1
R to
PWM2
LS to
PWM3
RS to
PWM4
LBS to
PWM5
RBS to
PWM6
C to
PWM7
Sub to
PWM8
Bass
Treble 1
(0xDA–
0xDD)
and
Bass
Treble 1
(0xDA–
0xDD)
and
Bass
Treble 4
(0xDA–
0xDD)
and
TAS5508C
www.ti.com
SLES257 – SEPTEMBER 2010
(1)
Default inputs
Figure 2-2. TAS5508C Architecture With I2C Registers (Fs = 176.4 kHz or Fs = 192 kHz)
Copyright © 2010, Texas Instruments Incorporated
Description
23
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com