Electronic Components Datasheet Search
  English  ▼

X  

TAS5508C Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 28Page - Texas Instruments TAS5508C Datasheet HTML 29Page - Texas Instruments TAS5508C Datasheet HTML 30Page - Texas Instruments TAS5508C Datasheet HTML 31Page - Texas Instruments TAS5508C Datasheet HTML 32Page - Texas Instruments TAS5508C Datasheet HTML 33Page - Texas Instruments TAS5508C Datasheet HTML 34Page - Texas Instruments TAS5508C Datasheet HTML 35Page - Texas Instruments TAS5508C Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 107 page
background image
B0017-01
Loudness
Biquad
H(z)
Audio Out
Audio In
V
V
Loudness Function = f(V)
TAS5508C
SLES257 – SEPTEMBER 2010
www.ti.com
The TAS5508C has a single set of loudness controls for the eight channels. In 6-channel mode, loudness
is available to the six speaker outputs and also to the line outputs. The loudness control input uses the
maximum individual master volume (V) to control the loudness that is applied to all channels. In the
192-kHz and 176.4-kHz modes, the loudness function is active only for channels 1, 2, and 8.
Figure 2-14. Loudness Compensation Functional Block Diagram
Loudness function = f(V) = G ×[2(Log V) × LG + LO] + O or alternatively,
Loudness function = f(V) = G × [VLG × 2LO] + O
For example, for the default values LG = –0.5, LO = 0, G = 1, and O = 0, then:
Loudness function = 1/SQRT(V), which is the recommended transfer function for loudness. So,
Audio out = (audio in) × V + H(Z) × SQRT(V). Other transfer functions are possible.
Table 2-6. Default Loudness Compensation Parameters
LOUDNESS
DESCRIPTION
USAGE
DATA
I2C
DEFAULT
TERM
FORMAT
SUB-
HEX
FLOAT
ADDRESS
V
Max volume
Gains audio
5.23
NA
NA
NA
Log V
Log2 (max volume)
Loudness function
5.23
NA
0000 0000
0.0
H(Z)
Loudness biquad
Controls shape of
5.23
0x95
b0 = 0000 D513
b0 = 0.006503
loudness curves
b1 = 0000 0000
b1 = 0
b2 = 0FFF 2AED
b2 = –0.006503
a1 = 00FE 5045
a1 = 1.986825
a2 = 0F81 AA27
a2 = –0.986995
LG
Gain (log space)
Loudness function
5.23
0x91
FFC0 0000
–0.5
LO
Offset (log space)
Loudness function
25.23
0x92
0000 0000
0
G
Gain
Switch to enable
5.23
0x93
0000 0000
0
loudness (ON = 1, OFF = 0)
O
Offset
Provides offset
25.23
0x94
0000 0000
0
2.9.1
Loudness Example
Problem: Due to the Fletcher-Munson phenomena, we want to compensate for low-frequency attenuation
near 60 Hz. The TAS5508C provides a loudness transfer function with EQ gain = 6, EQ center frequency
= 60 Hz, and EQ bandwidth = 60 Hz.
Solution: Using Texas Instruments ALE TAS5508C DSP tool, Matlab™, or other signal-processing tool,
develop a loudness function with the parameters listed in Table 2-7.
32
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com