Electronic Components Datasheet Search
  English  ▼

X  

TAS5508C Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 6Page - Texas Instruments TAS5508C Datasheet HTML 7Page - Texas Instruments TAS5508C Datasheet HTML 8Page - Texas Instruments TAS5508C Datasheet HTML 9Page - Texas Instruments TAS5508C Datasheet HTML 10Page - Texas Instruments TAS5508C Datasheet HTML 11Page - Texas Instruments TAS5508C Datasheet HTML 12Page - Texas Instruments TAS5508C Datasheet HTML 13Page - Texas Instruments TAS5508C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
TAS5508C
SLES257 – SEPTEMBER 2010
www.ti.com
Operation
Support for Enhanced Dynamic Range in
High-Performance Applications
– Intelligent AM Interference-Avoidance
System Provides Clear AM Reception
– Adjustable Modulation Limit
– Power-Supply Volume Control (PSVC)
1.2
Overview
The TAS5508C is an 8-channel digital pulse-width modulator (PWM) that provides both advanced
performance and a high level of system integration. The TAS5508C is designed to interface seamlessly
with most audio digital signal processors. The TAS5508C automatically adjusts control configurations in
response to clock and data rate changes and idle conditions. This enables the TAS5508C to provide an
easy-to-use control interface with relaxed timing requirements.
The TAS5508C can drive eight channels of H-bridge power stages. Texas Instruments H-bridge parts
TAS5111, TAS5112, or TAS5182 with FETs are designed to work seamlessly with the TAS5508C. The
TAS5508C supports both single-ended or bridge-tied load configurations. The TAS5508C also provides a
high-performance, differential output to drive an external, differential-input, analog headphone amplifier
(such as the TPA112).
The TAS5508C uses AD modulation operating at a 384-kHz switching rate for 48-, 96-, and 192-kHz data.
The 8× oversampling combined with the fifth-order noise shaper provides a broad, flat noise floor and
excellent dynamic range from 20 Hz to 20 kHz.
The TAS5508C is a clocked slave-only device. The TAS5508C receives MCLK, SCLK, and LRCLK from
other system components. The TAS5508C accepts master clock rates of 128, 192, 256, 384, 512, and
768 Fs. The TAS5508C accepts a 64-Fs bit clock.
The TAS5508C allows for extending the dynamic range by providing a power-supply volume control
(PSVC) output signal.
10
Introduction PWM
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com