Electronic Components Datasheet Search
  English  ▼

X  

TAS5508C Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 15Page - Texas Instruments TAS5508C Datasheet HTML 16Page - Texas Instruments TAS5508C Datasheet HTML 17Page - Texas Instruments TAS5508C Datasheet HTML 18Page - Texas Instruments TAS5508C Datasheet HTML 19Page - Texas Instruments TAS5508C Datasheet HTML 20Page - Texas Instruments TAS5508C Datasheet HTML 21Page - Texas Instruments TAS5508C Datasheet HTML 22Page - Texas Instruments TAS5508C Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
TAS5508C
www.ti.com
SLES257 – SEPTEMBER 2010
Table 2-1. Serial Data Formats
RECEIVE SERIAL DATA FORMAT
WORD LENGTH
Right-justified
16
Right-justified
20
Right-justified
24
I2S
16
I2S
20
I2S
24
Left-justified
16
Left-justified
20
Left-justified
24
Serial data is input on SDIN1, SDIN2, SDIN3, and SDIN4. The TAS5508C accepts 16-, 20-, or 24-bit
serial data at 32, 38, 44.1, 48, 88.2, 96, 176.4, or 192 kHz in left-justified, I2S, or right-justified format.
Data is input using a 64-Fs SCLK clock and an MCLK rate of 128, 192, 256, 384, 512, or 768 Fs, up to a
maximum of 50 MHz. The clock speed and serial data format are I2C configurable.
2.2.3
I
2C Serial-Control Interface
The TAS5508C has an I2C serial-control slave interface (address 0x36) to receive commands from a
system controller. The serial-control interface supports both normal-speed (100 kHz) and high-speed (400
kHz) operations without wait states. Because the TAS5508C has a crystal time base, this interface
operates even when MCLK is absent.
The serial control interface supports both single-byte and multiple-byte read/write operations for status
registers and the general control registers associated with the PWM. However, for the DAP
data-processing registers, the serial control interface also supports multiple-byte (4-byte) write operations.
The I2C supports a special mode which permits I2C write operations to be broken up into multiple
data-write operations that are multiples of 4 data bytes. These are 6-byte, 10-byte, 14-byte, 18-byte, etc.,
write operations that are composed of a device address, read/write bit, subaddress, and any multiple of 4
bytes of data. This permits the system to incrementally write large register values without blocking other
I2C transactions. In order to use this feature, the first block of data is written to the target I2C address, and
each subsequent block of data is written to a special append register (0xFE) until all the data is written
and a stop bit is sent. An incremental read operation is not supported.
2.2.4
Device Control
The TAS5508C control section provides the control and sequencing for the TAS5508C. The device control
provides both high- and low-level control for the serial control interface, clock and serial data interfaces,
digital audio processor, and pulse-width modulator sections.
2.2.5
Digital Audio Processor (DAP)
The DAP arithmetic unit is used to implement all audio-processing functions: soft volume, loudness
compensation, bass and treble processing, dynamic range control, channel filtering, input and output
mixing. Figure 2-3 shows the TAS5508C DAP architecture.
The DAP accepts 24-bit data from the serial data interface and outputs 32-bit data to the PWM section.
The DAP supports two configurations, one for 32-kHz to 96-kHz data and one for 176.4-kHz to 192-kHz
data.
2.2.5.1
TAS5508C Audio-Processing Configurations
The 32-kHz to 96-kHz configuration supports eight channels of data processing that can be configured
either as eight channels, or as six channels with two channels for separate stereo line outputs.
Copyright © 2010, Texas Instruments Incorporated
Description
19
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com