Electronic Components Datasheet Search
  English  ▼

X  

TAS5508C Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 21Page - Texas Instruments TAS5508C Datasheet HTML 22Page - Texas Instruments TAS5508C Datasheet HTML 23Page - Texas Instruments TAS5508C Datasheet HTML 24Page - Texas Instruments TAS5508C Datasheet HTML 25Page - Texas Instruments TAS5508C Datasheet HTML 26Page - Texas Instruments TAS5508C Datasheet HTML 27Page - Texas Instruments TAS5508C Datasheet HTML 28Page - Texas Instruments TAS5508C Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 107 page
background image
2−23 Bit
S_xxxx.xxxx_xxxx_xxxx_xxxx_xxxx_xxx
2−4 Bit
2−1 Bit
20 Bit
Sign Bit
23 Bit
M0007-01
(1 or 0) y 23 + (1 or 0) y 22 + … + (1 or 0) y 20 + (1 or 0) y 2−1 + … + (1 or 0) y 2−4 + … + (1 or 0) y 2−23
23 Bit
22 Bit
20 Bit
2−1 Bit
2−4 Bit
2−23 Bit
M0008-01
u
Coefficient
Digit 8
u
u
u
S
x
x
x
Coefficient
Digit 7
x.
x
x
x
Coefficient
Digit 6
x
x
x
x
Coefficient
Digit 5
x
x
x
x
Coefficient
Digit 4
x
x
x
x
Coefficient
Digit 3
x
x
x
x
Coefficient
Digit 2
x
x
x
x
Coefficient
Digit 1
Fraction
Digit 5
Sign
Bit
0
Fraction
Digit 6
Fraction
Digit 4
Fraction
Digit 3
Fraction
Digit 2
Fraction
Digit 1
Integer
Digit 1
u = unused or don’t care bits
Digit = hexadecimal digit
M0009-01
TAS5508C
www.ti.com
SLES257 – SEPTEMBER 2010
Figure 2-4. 5.23 Format
The decimal value of a 5.23 format number can be found by following the weighting shown in Figure 2-5. If
the most significant bit is logic 0, the number is a positive number, and the weighting shown yields the
correct number. If the most significant bit is a logic 1, then the number is a negative number. In this case,
every bit must be inverted, a 1 added to the result, and then the weighting shown in Figure 2-5 applied to
obtain the magnitude of the negative number.
Figure 2-5. Conversion Weighting Factors—5.23 Format to Floating Point
Gain coefficients, entered via the I2C bus, must be entered as 32-bit binary numbers. The format of the
32-bit number (4-byte or 8-digit hexadecimal number) is shown in Figure 2-6.
Figure 2-6. Alignment of 5.23 Coefficient in 32-Bit I2C Word
As Figure 2-6 shows, the hexadecimal (hex) value of the integer part of the gain coefficient cannot be
Copyright © 2010, Texas Instruments Incorporated
Description
25
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com