Electronic Components Datasheet Search
  English  ▼

X  

TAS5508C Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 92 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 88Page - Texas Instruments TAS5508C Datasheet HTML 89Page - Texas Instruments TAS5508C Datasheet HTML 90Page - Texas Instruments TAS5508C Datasheet HTML 91Page - Texas Instruments TAS5508C Datasheet HTML 92Page - Texas Instruments TAS5508C Datasheet HTML 93Page - Texas Instruments TAS5508C Datasheet HTML 94Page - Texas Instruments TAS5508C Datasheet HTML 95Page - Texas Instruments TAS5508C Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 107 page
background image
TAS5508C
SLES257 – SEPTEMBER 2010
www.ti.com
7.29 Volume, Treble, and Bass Slew Rates Register (0xD0)
Table 7-33. Volume Gain Update Rate (Slew Rate)
D31–D10
D9
D8
FUNCTION
0
0
0
512-step update at 4 Fs, 42.6 ms at 48 kHz
0
0
1
1024-step update at 4 Fs, 85.3 ms at 48 kHz
0
1
0
2048-step update at 4 Fs, 170 ms at 48 kHz
0
1
1
2048-step update at 4 Fs, 170 ms at 48 kHz
Table 7-34. Treble and Bass Gain Step Size (Slew Rate)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
No operation
0
0
0
0
0
0
1
1
0
0
0
0
0
1
0
0
Minimum rate – Updates every 0.083 ms (every LRCLK at 48 kHz)
0
0
1
0
0
0
0
0
Updates every 0.67 ms (32 LRCLKs at 48 kHz)
0
0
1
1
1
1
1
1
Default rate - Updates every 1.31 ms (63 LRCLKs at 48 kHz). This is the
maximum constant time that can be set for all sample rates.
1
1
1
1
1
1
1
1
Maximum rate – Updates every 5.08 ms (every 255 LRCLKs at 48 kHz)
7.30 Volume Registers (0xD1–0xD9)
Channels 1, 2, 3, 4, 5, 6, 7, and 8 are mapped into registers 0xD1, 0xD2, 0xD3, 0xD4, 0xD5, 0xD6, 0xD7,
and 0xD8, respectively. The default volume for all channels is 0 dB.
Master volume is mapped into register 0xD9. The default for the master volume is mute.
Bits D31–D12 are Don't Care.
Table 7-35. Volume Register Format
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
Unused bits
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
Unused bits
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
V11
V10
V9
V8
Volume
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
V7
V6
V5
V4
V3
V2
V1
V0
Volume
92
Serial-Control Interface Register Definitions
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com