Electronic Components Datasheet Search
  English  ▼

X  

TAS5508C Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 20 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 16Page - Texas Instruments TAS5508C Datasheet HTML 17Page - Texas Instruments TAS5508C Datasheet HTML 18Page - Texas Instruments TAS5508C Datasheet HTML 19Page - Texas Instruments TAS5508C Datasheet HTML 20Page - Texas Instruments TAS5508C Datasheet HTML 21Page - Texas Instruments TAS5508C Datasheet HTML 22Page - Texas Instruments TAS5508C Datasheet HTML 23Page - Texas Instruments TAS5508C Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 107 page
background image
TAS5508C
SLES257 – SEPTEMBER 2010
www.ti.com
The 176.4-kHz to 192-kHz configuration supports three channels of signal processing with five channels
passed though (or derived from the three processed channels).
To support efficiently the processing requirements of both multichannel 32-kHz to 96-kHz data and the
2-channel 176.4-kHz and 192-kHz data, the TAS5508C has separate audio-processing features for
32-kHz to 96-kHz data rates and for 176.4 kHz and 192 kHz. See Table 2-2 for a summary of TAS5508C
processing feature sets.
2.2.5.2
TAS5508C Audio Signal-Processing Functions
The DAP provides 10 primary signal-processing functions:
1. The data-processing input has a full 8×8 input crossbar mixer. This enables each input to be any ratio
of the eight input channels.
2. Two I2C programmable threshold detectors in each channel support automute.
3. Seven biquads per channel
4. Four soft bass and treble tone controls with ±18-dB range, programmable corner frequencies, and
second-order slopes. In 8-channel mode, bass and treble controls are normally configured as follows:
–
Bass and treble 1: Channel 1 (left), channel 2 (right), and channel 7 (center)
–
Bass and treble 2: Channel 3 (left surround) and channel 4 (right surround)
–
Bass and treble 3: Channel 5 (left back surround) and channel 6 (right back surround)
–
Bass and treble 4: Channel 8 (subwoofer)
5. Individual channel and master volume controls. Each control provides an adjustment range of 18 dB to
–127 dB. This permits a total volume device control range of 36 dB to –127 dB plus mute. The master
volume control can be configured to control six or eight channels. The DAP soft volume and mute
update interval is I2C programmable. The update is performed at a fixed rate regardless of the sample
rate.
6. Programmable loudness compensation that is controlled via the combination of the master and
individual volume settings.
7. Two dual-threshold dual-rate dynamic range compressors (DRCs). The volume gain values provided
are used as input parameters using the maximum RMS (master volume × individual channel volume).
8. 8×2 output mixer (channels 1–6). Each output can be any ratio of any two signal-processed channels.
9. 8×3 output mixer (channels 7 and 8). Each output can be any ratio of any three signal-processed
channels.
10. The DAP maintains three sets of coefficient banks that are used to maintain separate sets of
sample-rate-dependent parameters for the biquad, tone controls, loudness, and DRC in RAM. These
can be set to be automatically selected for one or more data sample rates or can be manually selected
under I2C program control. This feature enables coefficients for different sample rates to be stored in
the TAS5508C and then selected when needed.
20
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com