Electronic Components Datasheet Search
  English  ▼

X  

TAS5508C Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 65 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 61Page - Texas Instruments TAS5508C Datasheet HTML 62Page - Texas Instruments TAS5508C Datasheet HTML 63Page - Texas Instruments TAS5508C Datasheet HTML 64Page - Texas Instruments TAS5508C Datasheet HTML 65Page - Texas Instruments TAS5508C Datasheet HTML 66Page - Texas Instruments TAS5508C Datasheet HTML 67Page - Texas Instruments TAS5508C Datasheet HTML 68Page - Texas Instruments TAS5508C Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 107 page
background image
7-BitSlave Address
R/
W
8-BitRegister Address(N)
A
8-BitRegisterDataFor
Address(N)
Start
Stop
SDA
SCL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
A
8-BitRegisterDataFor
Address(N)
A
A
T0035-01
TAS5508C
www.ti.com
SLES257 – SEPTEMBER 2010
5
I
2C Serial-Control Interface (Slave Address 0x36)
The TAS5508C has a bidirectional I2C interface that is compatible with the Inter-IC (I2C) bus protocol and
supports both 100-kbps and 400-kbps data transfer rates for single- and multiple-byte write and read
operations. This is a slave-only device that does not support a multimaster bus environment or wait state
insertion. The control interface is used to program the registers of the device and to read device status.
The TAS5508C supports the standard-mode I2C bus operation (100 kHz maximum) and the fast I2C bus
operation (400 kHz maximum). The TAS5508C performs all I2C operations without I2C wait cycles.
5.1
General I
2C Operation
The I2C bus employs two signals—SDA (data) and SCL (clock)—to communicate between integrated
circuits in a system. Data is transferred on the bus serially, one bit at a time. The address and data can be
transferred in byte (8-bit) format, with the most significant bit (MSB) transferred first. In addition, each byte
transferred on the bus is acknowledged by the receiving device with an acknowledge bit. Each transfer
operation begins with the master device driving a start condition on the bus and ends with the master
device driving a stop condition on the bus. The bus uses transitions on SDA while the clock is high to
indicate start and stop conditions. A high-to-low transition on SDA indicates a start and a low-to-high
transition indicates a stop. Normal data bit transitions must occur within the low time of the clock period.
These conditions are shown in Figure 5-1. The master generates the 7-bit slave address and the
read/write (R/W) bit to open communication with another device and then wait for an acknowledge
condition. The TAS5508C holds SDA low during the acknowledge clock period to indicate an
acknowledgement. When this occurs, the master transmits the next byte of the sequence. Each device is
addressed by a unique 7-bit slave address plus R/W bit (1 byte). All compatible devices share the same
signals via a bidirectional bus using a wired-AND connection. An external pullup resistor must be used for
the SDA and SCL signals to set the high level for the bus.
Figure 5-1. Typical I2C Sequence
There is no limit on the number of bytes that can be transmitted between start and stop conditions. When
the last word transfers, the master generates a stop condition to release the bus. A generic data transfer
sequence is shown in Figure 5-1.
The 7-bit address for the TAS5508C is 0011011.
5.2
Single- and Multiple-Byte Transfers
The serial-control interface supports both single-byte and multiple-byte read/write operations for status
registers and the general control registers associated with the PWM. However, for the DAP data
processing registers, the serial-control interface supports only multiple-byte (four-byte) read/write
operations.
During multiple-byte read operations, the TAS5508C responds with data, a byte at a time, starting at the
subaddress assigned, as long as the master device continues to respond with acknowledges. If a
particular subaddress does not contain 32 bits, the unused bits are read as logic 0.
Copyright © 2010, Texas Instruments Incorporated
65
I2C Serial-Control Interface (Slave Address 0x36)
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com