Electronic Components Datasheet Search
  English  ▼

X  

TAS5508C Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 5Page - Texas Instruments TAS5508C Datasheet HTML 6Page - Texas Instruments TAS5508C Datasheet HTML 7Page - Texas Instruments TAS5508C Datasheet HTML 8Page - Texas Instruments TAS5508C Datasheet HTML 9Page - Texas Instruments TAS5508C Datasheet HTML 10Page - Texas Instruments TAS5508C Datasheet HTML 11Page - Texas Instruments TAS5508C Datasheet HTML 12Page - Texas Instruments TAS5508C Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
TAS5508C
www.ti.com
SLES257 – SEPTEMBER 2010
8-Channel Digital Audio PWM Processor
Check for Samples: TAS5508C
1
Introduction PWM
1.1
Features
1234
Update Rates
• General Features
– Four Bass and Treble Tone Controls with
– Automated Operation With an Easy-to-Use
±18-dB Range, Selectable Corner
Control Interface
Frequencies, and Second-Order Slopes
– I2C Serial-Control Slave Interface
•
L, R, and C
– Integrated AM Interference-Avoidance
•
LS, RS
Circuitry
•
LR, RR
– Single, 3.3-V Power Supply
•
Sub
– 64-Pin TQFP Package
– Configurable Loudness Compensation
– 5-V Tolerant Inputs
– Two Dynamic Range Compressors With Two
• Audio Input/Output
Thresholds, Two Offsets, and Three Slopes
– Automatic Master Clock Rate and Data
– Seven Biquads Per Channel
Sample Rate Detection
– Full 8×8 Input Crossbar Mixer. Each
– Eight Serial Audio Input Channels
Signal-Processing Channel Input Can Be
– Eight PWM Audio Output Channels
Any Ratio of the Eight Input Channels.
Configurable as Six Channels With Stereo
– 8×2 Output Mixer – Channels 1–6. Each
Lineout or Eight Channels
Output Can Be Any Ratio of Any Two
– Line Output Is a PWM Output to Drive an
Signal-Processed Channels.
External Differential-Input Operational
– 8×3 Output Mixer – Channels 7 and 8. Each
Amplifier
Output Can Be Any Ratio of Any Three
– Headphone PWM Output to Drive an External
Signal-Processed Channels.
Differential Amplifier Like the TPA112
– Three Coefficient Sets Stored on the Device
– PWM Outputs Support Single-Ended and
Can Be Selected Manually or Automatically
Bridge-Tied Loads
(Based on Specific Data Rates).
– 32-, 38-, 44.1-, 48-, 88.2-, 96-, 176.4-, and
– DC Blocking Filters
192-kHz Sampling Rates
– Able to Support a Variety of Bass
– Data Formats: 16-, 20-, or 24-Bit
Management Algorithms
Left-Justified, I2S, or Right-Justified Input
• PWM Processing
Data
– 32-Bit Processing PWM Architecture With 40
– 64-Fs Bit-Clock Rate
Bits of Precision
– 128-, 192-, 256-, 384-, 512-, and 768-Fs
– 8× Oversampling With Fifth-Order Noise
Master Clock Rates (Up to a Maximum of
Shaping at 32 kHz–48 kHz, 4× Oversampling
50 MHz)
at 88.2 kHz and 96 kHz, and 2× Oversampling
• Audio Processing
at 176.4 kHz and 192 kHz
– 48-Bit Processing Architecture With 76 Bits
– >102-dB Dynamic Range
of Precision for Most Audio Processing
– THD+N < 0.1%
Features
– 20-Hz–20-kHz, Flat Noise Floor for 44.1-, 48-,
– Volume Control Range 36 dB to –127 dB
88.2-, 96-, 176.4-, and 192-kHz Data Rates
•
Master Volume Control Range of 18 dB to
– Digital De-Emphasis for 32-, 44.1-, and
–100 dB
48-kHz Data Rates
•
Eight Individual Channel Volume Control
– Flexible Automute Logic With Programmable
Ranges of 18 dB to –127 dB
Threshold and Duration for Noise-Free
– Programmable Soft Volume and Mute
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath Digital is a trademark of Texas Instruments.
3
Matlab is a trademark of Math Works, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com