Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 75 Page - Intel Corporation

Part # 350
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 75 Page - Intel Corporation

Back Button 350 Datasheet HTML 71Page - Intel Corporation 350 Datasheet HTML 72Page - Intel Corporation 350 Datasheet HTML 73Page - Intel Corporation 350 Datasheet HTML 74Page - Intel Corporation 350 Datasheet HTML 75Page - Intel Corporation 350 Datasheet HTML 76Page - Intel Corporation 350 Datasheet HTML 77Page - Intel Corporation 350 Datasheet HTML 78Page - Intel Corporation 350 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
Datasheet
75
Boxed Processor Specifications
7.1.2
Boxed Processor Fan Heatsink Weight
The boxed processor fan heatsink will not weigh more than 450 grams. See Chapter 5 and the
Intel® Pentium 4 Processor on 90 nm Process Thermal Design Guidelines for details on the
processor weight and heatsink requirements.
Note:
The processor retention mechanism based on the Intel reference design should be used, to ensure
compatibility with the heatsink attach clip assembly and the boxed processor thermal solution. The
heatsink attach clip assembly is latched to the retention tab features at each corner of the retention
mechanism.
The target load applied by the clips to the processor heat spreader for Intel's reference design is
75 ±15 lbf (maximum load is constrained by the package load capability). It is normal to observe a
bow or bend in the board due to this compressive load on the processor package and the socket.
The level of bow or bend depends on the motherboard material properties and component layout.
Any additional board stiffening devices (such as plates) are not necessary and should not be used
along with the reference mechanical components and boxed processor. Using such devices
increases the compressive load on the processor package and socket, likely beyond the maximum
load that is specified for those components. See the Intel® Pentium 4 Processor on 90 nm Process
Thermal Design Guidelines for details on the Intel reference design.
Chassis that have adequate clearance between the motherboard and chassis wall (minimum
0.250 inch) should be selected to ensure the board's underside bend does not contact the chassis.
7.1.3
Boxed Processor Retention Mechanism and Heatsink
Attach Clip Assembly
The boxed processor thermal solution requires a processor retention mechanism and a heatsink
attach clip assembly, to secure the processor and fan heatsink in the baseboard socket. The boxed
processor will not ship with retention mechanisms but will ship with the heatsink attach clip
assembly. Baseboards designed for use by system integrators should include the retention
mechanism that supports the boxed Celeron D processor. Baseboard documentation should include
appropriate retention mechanism installation instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com