Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 27 Page - Intel Corporation

Part # 350
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 350 Datasheet HTML 23Page - Intel Corporation 350 Datasheet HTML 24Page - Intel Corporation 350 Datasheet HTML 25Page - Intel Corporation 350 Datasheet HTML 26Page - Intel Corporation 350 Datasheet HTML 27Page - Intel Corporation 350 Datasheet HTML 28Page - Intel Corporation 350 Datasheet HTML 29Page - Intel Corporation 350 Datasheet HTML 30Page - Intel Corporation 350 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
Datasheet
27
Electrical Specifications
.
11.
These specifications are different depending on whether the platform is forward compatible to the Celeron D pro-
cessor or if it is optimized for the Celeron D processor. A compatible platform is one that is designed for a previous
generation processor but has some level of compatibility with the Celeron D processor. An optimized platform is one
designed specifically for the Celeron D processor; however, it may have some level of compatibility with previous
generation processors.
Table 2-12. PWRGOOD and TAP Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1,2
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
All outputs are open drain.
VHYS
Input Hysteresis
200
350
mV
3
3.
VHYS represents the amount of hysteresis, nominally centered about 0.5 * VCC for all TAP inputs.
VT+
Input low to high threshold
voltage
0.5 * (VCC + VHYS_MIN)0.5 * (VCC + VHYS_MAX)V
4
4.
The VCC referred to in these specifications refers to instantaneous VCC.
VT-
Input high to low threshold
voltage
0.5 * (VCC – VHYS_MAX)0.5 * (VCC – VHYS_MIN)V
4
VOH
Output High Voltage
N/A
VCC
V
4
IOL
Output Low Current
—
45
mA
5
5.
The maximum output current is based on maximum current handling capability of the buffer and is not specified into
the test load.
ILI
Input Leakage Current
—
± 200
µA
6
6.
Leakage to VSS with pin held at VCC.
ILO
Output Leakage Current
—
± 200
µA
7
7.
Leakage to VCC with Pin held at 300 mV.
Ron
Buffer On Resistance
7
12
Ω
8
8.
These values work for compatible and optimized platforms. A compatible platform is one that is designed for a pre-
vious generation processor but has some level of compatibility with the Celeron D processor. An optimized platform
is one designed specifically for the Celeron D processor; however, it may have some level of compatibility with pre-
vious generation processors.
Table 2-13. VCCVID DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VCCVID
Voltage
1.14
1.2
1.26
V
VCCVIDLB
Voltage
1.14
1.2
1.26
V
Table 2-14. VIDPWRGD DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VIL
Input Low Voltage
—
—
0.3
V
VIH
Input High Voltage
0.9
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com