Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 16 Page - Intel Corporation

Part # 350
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 16 Page - Intel Corporation

Back Button 350 Datasheet HTML 12Page - Intel Corporation 350 Datasheet HTML 13Page - Intel Corporation 350 Datasheet HTML 14Page - Intel Corporation 350 Datasheet HTML 15Page - Intel Corporation 350 Datasheet HTML 16Page - Intel Corporation 350 Datasheet HTML 17Page - Intel Corporation 350 Datasheet HTML 18Page - Intel Corporation 350 Datasheet HTML 19Page - Intel Corporation 350 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
16
Datasheet
Electrical Specifications
2.3.1
VCC Decoupling
Regulator solutions need to provide bulk capacitance with a low Effective Series Resistance (ESR)
and keep a low interconnect resistance from the regulator to the socket. Bulk decoupling for the
large current swings when the part is powering on, or entering/exiting low power states, must be
provided by the voltage regulator solution (VR). For more details on this topic, refer to the
applicable VRD design guide.
2.3.2
FSB GTL+ Decoupling
The Celeron D processor integrates signal termination on the die as well as incorporating high
frequency decoupling capacitance on the processor package. Decoupling must also be provided by
the system baseboard for proper GTL+ bus operation.
2.3.3
FSB Clock (BCLK[1:0]) and Processor Clocking
BCLK[1:0] directly controls the FSB interface speed as well as the core frequency of the processor.
As in previous generation processors, the Celeron D processor core frequency is a multiple of the
BCLK[1:0] frequency. The processor bus ratio multiplier will be set at its default ratio during
manufacturing.
The Celeron D processor uses a differential clocking implementation. For more information on the
Celeron D processor clocking, refer to the CK409 Clock Synthesizer/Driver Specification or
CK408 Clock Synthesizer/Driver Specifications.
Table 2-1. Core Frequency to FSB Multiplier Configuration
Multiplication of System Core
Frequency to FSB Frequency
Processor
Number
Core Frequency
(133 MHz BCLK/
533 MHz FSB)
Notes1
NOTES:
1.
Individual processors operate only at or below the rated frequency.
1/24
350
3.20 GHz
—
1/23
345
3.06 GHz
—
1/22
340
2.93 GHz
—
1/21
335
2.80 GHz
—
1/20
330
2.66 GHz
—
1/19
325
2.53 GHz
—
1/18
320
2.40 GHz
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com