Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 76 Page - Intel Corporation

Part # 350
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 76 Page - Intel Corporation

Back Button 350 Datasheet HTML 72Page - Intel Corporation 350 Datasheet HTML 73Page - Intel Corporation 350 Datasheet HTML 74Page - Intel Corporation 350 Datasheet HTML 75Page - Intel Corporation 350 Datasheet HTML 76Page - Intel Corporation 350 Datasheet HTML 77Page - Intel Corporation 350 Datasheet HTML 78Page - Intel Corporation 350 Datasheet HTML 79Page - Intel Corporation 350 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
76
Datasheet
Boxed Processor Specifications
7.2
Electrical Requirements
7.2.1
Fan Heatsink Power Supply
The boxed processor's fan heatsink requires a +12 V power supply. A fan power cable will be
shipped with the boxed processor to draw power from a power header on the baseboard. The power
cable connector and pinout are shown in Figure 7-4. Baseboards must provide a matched power
header to support the boxed processor. Table 7-1 contains specifications for the input and output
signals at the fan heatsink connector. The fan heatsink outputs a SENSE signal, which is an open-
collector output that pulses at a rate of 2 pulses per fan revolution. A baseboard pull-up resistor
provides VOH to match the system board-mounted fan speed monitor requirements, if applicable.
Use of the SENSE signal is optional. If the SENSE signal is not used, pin 3 of the connector should
be tied to GND.
Note:
The motherboard must supply a constant +12 V to the processor's power header to ensure proper
operation of the variable speed fan for the boxed processor.
The power header on the baseboard must be positioned to allow the fan heatsink power cable to
reach it. The power header identification and location should be documented in the platform
documentation, or on the system board itself. Figure 7-7 shows the location of the fan power
connector relative to the processor socket. The baseboard power header should be positioned
within 4.33 inches from the center of the processor socket.
Figure 7-4. Boxed Processor Fan Heatsink Power Cable Connector Description
Table 7-1. Fan Heatsink Power and Signal Specifications
Description
Min
Typ
Max
Unit
Notes
+12 V: 12 volt fan power supply
10.2
12
13.8
V
—
IC: Fan current draw
—
—
740
mA
—
SENSE: SENSE frequency
—
2
—
pulses per fan
revolution
1
NOTES:
1.
Baseboard should pull this pin up to 5 V with a resistor.
Pin
Signal
Straight square pin, 3-pin terminal housing with
polarizing ribs and friction locking ramp.
0.100" pin pitch, 0.025" square pin width.
Waldom*/Molex* P/N 22-01-3037 or equivalent.
Match with straight pin, friction lock header on motherboard
Waldom/Molex P/N 22-23-2031, AMP* P/N 640456-3,
or equivalent.
1
2
3
GND
+12V
SENSE
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com