| Electronic Components Datasheet Search |
|
350 Datasheet(PDF) 44 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
350 Datasheet(HTML) 44 Page - Intel Corporation |
|
44 / 82 page ![]() Pin Listing and Signal Descriptions 44 Datasheet RESERVED A22 RESERVED A7 RESERVED AE21 RESERVED AF24 RESERVED AF25 RESET# AB25 Common Clock Input RS0# F1 Common Clock Input RS1# G5 Common Clock Input RS2# F4 Common Clock Input RSP# AB2 Common Clock Input SKTOCC# AF26 Power/Other Output SLP# AB26 Asynch GTL+ Input SMI# B5 Asynch GTL+ Input STPCLK# Y4 Asynch GTL+ Input TCK D4 TAP Input TDI C1 TAP Input TDO D5 TAP Output TESTHI0 AD24 Power/Other Input TESTHI1 AA2 Power/Other Input TESTHI2 AC21 Power/Other Input TESTHI3 AC20 Power/Other Input TESTHI4 AC24 Power/Other Input TESTHI5 AC23 Power/Other Input TESTHI6 AA20 Power/Other Input TESTHI7 AB22 Power/Other Input TESTHI8 U6 Power/Other Input TESTHI9 W4 Power/Other Input TESTHI10 Y3 Power/Other Input TESTHI11 A6 Power/Other Input TESTHI12 AD25 Power/Other Input THERMDA B3 Power/Other THERMDC C4 Power/Other THERMTRIP# A2 Asynch GTL+ Output TMS F7 TAP Input TRDY# J6 Common Clock Input TRST# E6 TAP Input VCC A10 Power/Other VCC A12 Power/Other VCC A14 Power/Other VCC A16 Power/Other VCC A18 Power/Other Table 4-1. Alphabetical Pin Assignment Pin Name Pin # Signal Buffer Type Direction VCC A20 Power/Other VCC A8 Power/Other VCC AA10 Power/Other VCC AA12 Power/Other VCC AA14 Power/Other VCC AA16 Power/Other VCC AA18 Power/Other VCC AA8 Power/Other VCC AB11 Power/Other VCC AB13 Power/Other VCC AB15 Power/Other VCC AB17 Power/Other VCC AB19 Power/Other VCC AB7 Power/Other VCC AB9 Power/Other VCC AC10 Power/Other VCC AC12 Power/Other VCC AC14 Power/Other VCC AC16 Power/Other VCC AC18 Power/Other VCC AC8 Power/Other VCC AD11 Power/Other VCC AD13 Power/Other VCC AD15 Power/Other VCC AD17 Power/Other VCC AD19 Power/Other VCC AD7 Power/Other VCC AD9 Power/Other VCC AE10 Power/Other VCC AE12 Power/Other VCC AE14 Power/Other VCC AE16 Power/Other VCC AE18 Power/Other VCC AE20 Power/Other VCC AE6 Power/Other VCC AE8 Power/Other VCC AF11 Power/Other VCC AF13 Power/Other VCC AF15 Power/Other VCC AF17 Power/Other VCC AF19 Power/Other Table 4-1. Alphabetical Pin Assignment Pin Name Pin # Signal Buffer Type Direction |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |