Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 51 Page - Intel Corporation

Part # 350
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 51 Page - Intel Corporation

Back Button 350 Datasheet HTML 47Page - Intel Corporation 350 Datasheet HTML 48Page - Intel Corporation 350 Datasheet HTML 49Page - Intel Corporation 350 Datasheet HTML 50Page - Intel Corporation 350 Datasheet HTML 51Page - Intel Corporation 350 Datasheet HTML 52Page - Intel Corporation 350 Datasheet HTML 53Page - Intel Corporation 350 Datasheet HTML 54Page - Intel Corporation 350 Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
Pin Listing and Signal Descriptions
Datasheet
51
P23
DSTBP#2
Source Synch
Input/Output
P24
D41#
Source Synch
Input/Output
P25
VSS
Power/Other
P26
DBI2#
Source Synch
Input/Output
R1
VSS
Power/Other
R2
A18#
Source Synch
Input/Output
R3
A21#
Source Synch
Input/Output
R4
VSS
Power/Other
R5
ADSTB1#
Source Synch
Input/Output
R6
A28#
Source Synch
Input/Output
R21
D40#
Source Synch
Input/Output
R22
DSTBN#2
Source Synch
Input/Output
R23
VSS
Power/Other
R24
D43#
Source Synch
Input/Output
R25
D42#
Source Synch
Input/Output
R26
VSS
Power/Other
T1
A17#
Source Synch
Input/Output
T2
A22#
Source Synch
Input/Output
T3
VSS
Power/Other
T4
A26#
Source Synch
Input/Output
T5
A30#
Source Synch
Input/Output
T6
VSS
Power/Other
T21
VSS
Power/Other
T22
D46#
Source Synch
Input/Output
T23
D47#
Source Synch
Input/Output
T24
VSS
Power/Other
T25
D45#
Source Synch
Input/Output
T26
D44#
Source Synch
Input/Output
U1
A23#
Source Synch
Input/Output
U2
VSS
Power/Other
U3
A25#
Source Synch
Input/Output
U4
A31#
Source Synch
Input/Output
U5
VSS
Power/Other
U6
TESTHI8
Power/Other
Input
U21
D52#
Source Synch
Input/Output
U22
VSS
Power/Other
U23
D50#
Source Synch
Input/Output
U24
D49#
Source Synch
Input/Output
U25
VSS
Power/Other
U26
D48#
Source Synch
Input/Output
V1
VSS
Power/Other
Table 4-2. Numerical Pin Assignment
Pin #
Pin Name
Signal Buffer
Type
Direction
V2
A27#
Source Synch
Input/Output
V3
A32#
Source Synch
Input/Output
V4
VSS
Power/Other
V5
AP1#
Common Clock
Input/Output
V6
MCERR#
Common Clock
Input/Output
V21
DBI3#
Source Synch
Input/Output
V22
D53#
Source Synch
Input/Output
V23
VSS
Power/Other
V24
D54#
Source Synch
Input/Output
V25
D51#
Source Synch
Input/Output
V26
VSS
Power/Other
W1
A29#
Source Synch
Input/Output
W2
A33#
Source Synch
Input/Output
W3
VSS
Power/Other
W4
TESTHI9
Power/Other
Input
W5
INIT#
Asynch GTL+
Input
W6
VSS
Power/Other
W21
VSS
Power/Other
W22
DSTBN3#
Source Synch
Input/Output
W23
DSTBP3#
Source Synch
Input/Output
W24
VSS
Power/Other
W25
D57#
Source Synch
Input/Output
W26
D55#
Source Synch
Input/Output
Y1
A34#
Source Synch
Input/Output
Y2
VSS
Power/Other
Y3
TESTHI10
Power/Other
Input
Y4
STPCLK#
Asynch GTL+
Input
Y5
VSS
Power/Other
Y6
BPM3#
Common Clock
Input/Output
Y21
D60#
Source Synch
Input/Output
Y22
VSS
Power/Other
Y23
D58#
Source Synch
Input/Output
Y24
D59#
Source Synch
Input/Output
Y25
VSS
Power/Other
Y26
D56#
Source Synch
Input/Output
AA1
VSS
Power/Other
AA2
TESTHI1
Power/Other
Input
AA3
BINIT#
Common Clock
Input/Output
AA4
VSS
Power/Other
AA5
BPM4#
Common Clock
Input/Output
AA6
GTLREF
Power/Other
Input
Table 4-2. Numerical Pin Assignment
Pin #
Pin Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com